Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554APW Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9554APW
Description  8-bit I2C-bus and SMBus I/O port with interrupt
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554APW Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9554APW Datasheet HTML 17Page - NXP Semiconductors PCA9554APW Datasheet HTML 18Page - NXP Semiconductors PCA9554APW Datasheet HTML 19Page - NXP Semiconductors PCA9554APW Datasheet HTML 20Page - NXP Semiconductors PCA9554APW Datasheet HTML 21Page - NXP Semiconductors PCA9554APW Datasheet HTML 22Page - NXP Semiconductors PCA9554APW Datasheet HTML 23Page - NXP Semiconductors PCA9554APW Datasheet HTML 24Page - NXP Semiconductors PCA9554APW Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
PCA9554_9554A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 9 — 19 March 2013
21 of 35
NXP Semiconductors
PCA9554; PCA9554A
8-bit I2C-bus and SMBus I/O port with interrupt
Fig 22. Package outline SOT758-1 (HVQFN16)
terminal 1
index area
0.5
1
A1
Eh
b
UNIT
y
e
0.2
c
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
3.1
2.9
Dh
1.75
1.45
y1
3.1
2.9
1.75
1.45
e1
1.5
e2
1.5
0.30
0.18
0.05
0.00
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT758-1
MO-220
- - -
- - -
0.5
0.3
L
0.1
v
0.05
w
0
2.5
5 mm
scale
SOT758-1
HVQFN16: plastic thermal enhanced very thin quad flat package; no leads;
16 terminals; body 3 x 3 x 0.85 mm
A(1)
max.
A
A1
c
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
58
16
13
12
9
4
1
X
D
E
C
B
A
e2
02-03-25
02-10-21
terminal 1
index area
1/2
e
1/2
e
A
C
C
B
v M
w M
E(1)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
D(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com