Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554APW Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCA9554APW
Description  8-bit I2C-bus and SMBus I/O port with interrupt
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554APW Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCA9554APW Datasheet HTML 25Page - NXP Semiconductors PCA9554APW Datasheet HTML 26Page - NXP Semiconductors PCA9554APW Datasheet HTML 27Page - NXP Semiconductors PCA9554APW Datasheet HTML 28Page - NXP Semiconductors PCA9554APW Datasheet HTML 29Page - NXP Semiconductors PCA9554APW Datasheet HTML 30Page - NXP Semiconductors PCA9554APW Datasheet HTML 31Page - NXP Semiconductors PCA9554APW Datasheet HTML 32Page - NXP Semiconductors PCA9554APW Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
PCA9554_9554A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 9 — 19 March 2013
29 of 35
NXP Semiconductors
PCA9554; PCA9554A
8-bit I2C-bus and SMBus I/O port with interrupt
Fig 28. PCB footprint for SOT629-1 (HVQFN16); reflow soldering
SOT629-1
Footprint information for reflow soldering of HVQFN16 package
Dimensions in mm
Ax
Ay
Bx
By
D
SLx
SLy
SPx tot
SPy tot
SPx
SPy
Gx
Gy
Hx
Hy
5.000
5.000
2.800
2.800
P
0.650
0.300
C
1.100
2.000
2.000
1.200
1.200
0.450
0.450
4.300
4.300
5.250
5.250
nSPx
nSPy
22
sot629-1_fr
occupied area
Ax
Bx
SLx
Gx
Gy
Hy
Hx
Ay
By
SLy
P
0.025
0.025
D
(0.105)
SPx tot
nSPx
nSPy
SPx
SPy
solder land plus solder paste
solder land
solder paste deposit
C
Generic footprint pattern
Refer to the package outline drawing for actual layout
Issue date
07-05-07
09-06-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com