Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90USB646 Datasheet(PDF) 91 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 87Page - ATMEL Corporation AT90USB646 Datasheet HTML 88Page - ATMEL Corporation AT90USB646 Datasheet HTML 89Page - ATMEL Corporation AT90USB646 Datasheet HTML 90Page - ATMEL Corporation AT90USB646 Datasheet HTML 91Page - ATMEL Corporation AT90USB646 Datasheet HTML 92Page - ATMEL Corporation AT90USB646 Datasheet HTML 93Page - ATMEL Corporation AT90USB646 Datasheet HTML 94Page - ATMEL Corporation AT90USB646 Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 456 page
background image
91
7593L–AVR–09/12
AT90USB64/128
11.4.11
DDRD – Port D Data Direction Register
11.4.12
PIND – Port D Input Pins Address
11.4.13
PORTE – Port E Data Register
11.4.14
DDRE – Port E Data Direction Register
11.4.15
PINE – Port E Input Pins Address
11.4.16
PORTF – Port F Data Register
11.4.17
DDRF – Port F Data Direction Register
11.4.18
PINF – Port F Input Pins Address
Bit
7
65
43
2
1
0
DDD7
DDD6
DDD5
DDD4
DDD3
DDD2
DDD1
DDD0
DDRD
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
000
0
Bit
7
65
43
2
1
0
PIND7
PIND6
PIND5
PIND4
PIND3
PIND2
PIND1
PIND0
PIND
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Bit
7
65
43
2
1
0
PORTE7
PORTE6
PORTE5
PORTE4
PORTE3
PORTE2
PORTE1
PORTE0
PORTE
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
000
0
Bit
7
65
43
2
1
0
DDE7
DDE6
DDE5
DDE4
DDE3
DDE2
DDE1
DDE0
DDRE
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
000
0
Bit
7
65
43
2
1
0
PINE7
PINE6
PINE5
PINE4
PINE3
PINE2
PINE1
PINE0
PINE
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Bit
7
65
43
2
1
0
PORTF7
PORTF6
PORTF5
PORTF4
PORTF3
PORTF2
PORTF1
PORTF0
PORTF
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
000
0
Bit
7
65
43
2
1
0
DDF7
DDF6
DDF5
DDF4
DDF3
DDF2
DDF1
DDF0
DDRF
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
000
0
Bit
7
65
43
2
1
0
PINF7
PINF6
PINF5
PINF4
PINF3
PINF2
PINF1
PINF0
PINF
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com