Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90USB646 Datasheet(PDF) 60 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 56Page - ATMEL Corporation AT90USB646 Datasheet HTML 57Page - ATMEL Corporation AT90USB646 Datasheet HTML 58Page - ATMEL Corporation AT90USB646 Datasheet HTML 59Page - ATMEL Corporation AT90USB646 Datasheet HTML 60Page - ATMEL Corporation AT90USB646 Datasheet HTML 61Page - ATMEL Corporation AT90USB646 Datasheet HTML 62Page - ATMEL Corporation AT90USB646 Datasheet HTML 63Page - ATMEL Corporation AT90USB646 Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 456 page
background image
60
7593L–AVR–09/12
AT90USB64/128
Figure 9-4.
External reset during operation.
9.5
Brown-out detection
Atmel AT90USB64/128 has an on-chip Brown-out Detection (BOD) circuit for monitoring the V
CC
level during operation by comparing it to a fixed trigger level. The trigger level for the BOD can
be selected by the BODLEVEL Fuses. The trigger level has a hysteresis to ensure spike free
Brown-out Detection. The hysteresis on the detection level should be interpreted as V
BOT+ =
V
BOT + VHYST/2 and VBOT- = VBOT - VHYST/2.
When the BOD is enabled, and V
CC decreases to a value below the trigger level (VBOT- in Figure
9-5 on page 61), the Brown-out Reset is immediately activated. When V
CC increases above the
trigger level (V
BOT+ in Figure 9-5 on page 61), the delay counter starts the MCU after the Time-
out period t
TOUT has expired.
The BOD circuit will only detect a drop in V
CC if the voltage stays below the trigger level for lon-
ger than t
BOD given in Table 9-1 on page 58.
CC
Table 9-2.
BODLEVEL fuse coding.
BODLEVEL 2..0 Fuses
Min. VBOT
Typ. VBOT
Max. VBOT
Units
111
BOD disabled
110
Reserved
101
100
011
2.4
2.6
2.8
V
010
3.2
3.4
3.6
001
3.3
3.5
3.7
000
4.1
4.3
4.5
Table 9-3.
Brown-out characteristics.
Symbol
Parameter
Min.
Typ.
Max.
Units
V
HYST
Brown-out detector hysteresis
50
mV
tBOD
Min. pulse width on brown-out reset
ns
IBOD
Brown-out detector consumption
25
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com