Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1321CS Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1321CS
Description  Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1321CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1321CS Datasheet HTML 4Page - Linear Technology LTC1321CS Datasheet HTML 5Page - Linear Technology LTC1321CS Datasheet HTML 6Page - Linear Technology LTC1321CS Datasheet HTML 7Page - Linear Technology LTC1321CS Datasheet HTML 8Page - Linear Technology LTC1321CS Datasheet HTML 9Page - Linear Technology LTC1321CS Datasheet HTML 10Page - Linear Technology LTC1321CS Datasheet HTML 11Page - Linear Technology LTC1321CS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC1321/LTC1322/LTC1335
RS485 Receiver Mode
INPUTS
OUTPUT
ON/OFF
SEL
A – B
R
1
1
< – 0.2V
0
1
1
> 0.2V
1
1
1
Inputs Open
1
01
X
Z
RS485 Receiver Mode
INPUTS
OUTPUT
ON/OFF
SEL
A – B
R
1
1
< – 0.2V
0
1
1
> 0.2V
1
1
1
Inputs Open
1
01
X
Z
RS485 Driver Mode
INPUTS
LINE
OUTPUTS
ON/OFF
SEL
DE
D
CONDITION
Y
Z
1
1
1
0
No Fault
0
1
1
1
1
1
No Fault
1
0
1
1
1
X
Fault
Z
Z
11
0
X
X
Z
Z
01
X
X
X
Z
Z
RS485 Driver Mode
INPUTS
LINE
OUTPUTS
ON/OFF
SEL
DE
D
CONDITION
Y
Z
1
1
1
0
No Fault
0
1
1
1
1
1
No Fault
1
0
1
1
1
X
Fault
Z
Z
11
0
X
X
Z
Z
01
X
X
X
Z
Z
FU CTIO TABLES
LTC1321
LTC1322
RS232/EIA562 Driver Mode
INPUTS
LINE
OUTPUT
ON/OFF
SEL
D
CONDITION
Y
1
0
0
No Fault
1
1
0
1
No Fault
0
1
0
X
Fault
Z
00
X
X
Z
RS232/EIA562 Driver Mode
INPUTS
LINE
OUTPUT
ON/OFF
SEL
D
CONDITION
Y, Z
1
0
0
No Fault
1
1
0
1
No Fault
0
1
0
X
Fault
Z
00
X
X
Z
RS232/EIA562 Receiver Mode
INPUTS
OUTPUT
ON/OFF
SEL
A
R
10
01
10
10
1
0
Inputs Open
1
00
X
Z
RS232/EIA562 Receiver Mode
INPUTS
OUTPUT
ON/OFF
SEL
A OR B
R
10
01
10
10
1
0
Input Open
1
00
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com