Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1321CS Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1321CS
Description  Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1321CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1321CS Datasheet HTML 7Page - Linear Technology LTC1321CS Datasheet HTML 8Page - Linear Technology LTC1321CS Datasheet HTML 9Page - Linear Technology LTC1321CS Datasheet HTML 10Page - Linear Technology LTC1321CS Datasheet HTML 11Page - Linear Technology LTC1321CS Datasheet HTML 12Page - Linear Technology LTC1321CS Datasheet HTML 13Page - Linear Technology LTC1321CS Datasheet HTML 14Page - Linear Technology LTC1321CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LTC1321/LTC1322/LTC1335
Figure 6. Receiver Output
Enable/Disable Timing Test Load
Figure 5. EIA/TIA-562 Receiver
Timing Test Circuit
Figure 4. EIA/TIA-562 Driver
Timing Test Circuit
TEST CIRCUITS
Figure 3. RS485 Driver Output
Enable/Disable Timing Test Load
Figure 2. RS485 Driver/Receiver
Timing Test Circuit
Figure 1. RS485 Driver
Test Load
R
R
VOD
Y
Z
1321/22/35 F01
VOC
DR OUT
CL
500
Ω
S2
1321/22/35 F03
VCC
S1
RL
1321/22/35 F04
Y OR Z
0V
SEL
D
CL
RX OUT
CL
1k
S2
1321/22/35 F06
VCC
S1
RL
CL
1321/22/35 F02
Y
3V
3V
SEL
DE
Z
CL
A
SEL
3V
0V
R
B
15pF
D
OE
1321/22/35 F05
15pF
Y OR Z
0V
SEL
D
R
0V
SEL
A OR B
0V
OE
RA1
PORT 1 = EIA562 MODE
PORT 2 = EIA562 MODE
23
DY2
17
14
RB2
PORT 1 = RS485 MODE
PORT 2 = RS485 MODE
DY1
5
6
VCC
ON
DE1
Z1
Y1
PORT 1 = RS485 MODE
PORT 2 = EIA562 MODE
DZ2
Y2
Z2
SEL2
24
4
7
8
9
22
21
20
LB
18
19
16
GND
VEE
12
13
RA2
15
PORT 1 = EIA562 MODE
PORT 2 = RS485 MODE
1
*VDD/OE
*
RB1
RB1
RA1
VCC
DZ1
DY1
ON
Z1
DY2
DZ2
Z2
Y2
SEL1
SEL2
23
24
1
4
6
7
8
9
21
22
19
LB
18
17
GND
VEE
15
14
13
RA2
RB2
16
Y1
5
20
*VDD/OE
*
12
RB1
RA1
VCC
DZ1
DY1
ON
Z1
DY2
DE2
Z2
Y2
SEL1
23
24
1
4
6
7
8
9
21
22
19
LB
18
17
GND
VEE
15
14
13
RA2
RB2
16
Y1
5
20
*VDD/OE
*
12
RA1
VCC
DE1
DY1
ON
Z1
DY2
DE2
Z2
Y2
23
24
1
4
6
7
8
9
21
22
19
LB
18
17
GND
VEE
15
14
13
RA2
RB2
16
Y1
5
20
*VDD/OE
*
RB1
1322/35 BD02
12
**SEL1
**SEL2
**SEL2
**SEL1
FOR LTC1322 ONLY, PIN 1 IS VDD, AND OE IS ALWAYS ENABLED.
FOR LTC1335, PIN 1 IS OE, AND VDD IS CONNECTED TO VCC.
SEL1/SEL2 = VCC.
*
**
LTC1322/LTC1335 Interface Configuration With Loopback
BLOCK DIAGRA SM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com