Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1321CS Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1321CS
Description  Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1321CS Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1321CS Datasheet HTML 12Page - Linear Technology LTC1321CS Datasheet HTML 13Page - Linear Technology LTC1321CS Datasheet HTML 14Page - Linear Technology LTC1321CS Datasheet HTML 15Page - Linear Technology LTC1321CS Datasheet HTML 16Page - Linear Technology LTC1321CS Datasheet HTML 17Page - Linear Technology LTC1321CS Datasheet HTML 18Page - Linear Technology LTC1321CS Datasheet HTML 19Page - Linear Technology LTC1321CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LTC1321/LTC1322/LTC1335
S
APPLICATI
TYPICAL
A typical EIA562/RS232 interface application is shown in
Figure 17 with LTC1322. A typical EIA562 interface appli-
cation with LTC1335 is shown in Figure 18.
A typical connection for RS485 transceiver is shown in
Figure 19. A twisted pair of wires connects up to 32 drivers
and receivers for half duplex multi-point data transmis-
sion. The wires must be terminated at both ends with
resistors equal to the wire’s characteristic impedance,
generally 120
Ω. An optional shield around the twisted pair
helps to reduce unwanted noise and should be connected
to ground at one end.
1/2 LTC1322
1/2 LTC1322
1321/22/35 F17
17
16
15
14
7
DR IN
DR IN
RX OUT
RX OUT
OV
3
2
5
4
8
9
10
11
22
23
20
21
6
RX OUT
RX OUT
DR IN
DR IN
0V
EIA562/
RS232
INTERFACE
LINES
Figure 17. Typical Connection for EIA562/RS232 Interface
Figure 18. Typical Connection for EIA562 Interface
1/2 LTC1335
1/2 LTC1335
1321/22/35 F18
17
16
15
14
7
DR IN
DR IN
RX OUT
RX OUT
OV
3
2
5
4
8
9
10
11
22
23
20
21
6
RX OUT
RX OUT
DR IN
DR IN
0V
EIA562
INTERFACE
LINES
1
OE = 0V
1
OE = 0V
Figure 19. Typical Connection for RS485 Interface
5V
2
1/2 LTC1322/LTC1335
1/2 LTC1322/LTC1335
1/2 LTC1322/LTC1335
1321/22/35 F19
RX OUT
DR ENABLE
DR IN
5V
120
Ω
3
4
5
22
21
20
6
11
10
9
8
7
RX OUT
16
5V
DR ENABLE
54
32
20
DR IN
RX OUT
DR ENABLE
21
22 6
15
DR IN
17
120
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com