Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1540CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1540CS8
Description  Nanopower Comparator with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1540CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1540CS8 Datasheet HTML 4Page - Linear Technology LTC1540CS8 Datasheet HTML 5Page - Linear Technology LTC1540CS8 Datasheet HTML 6Page - Linear Technology LTC1540CS8 Datasheet HTML 7Page - Linear Technology LTC1540CS8 Datasheet HTML 8Page - Linear Technology LTC1540CS8 Datasheet HTML 9Page - Linear Technology LTC1540CS8 Datasheet HTML 10Page - Linear Technology LTC1540CS8 Datasheet HTML 11Page - Linear Technology LTC1540CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1540
sn1540 1540fas
Low-Battery Detect
Figure 9 shows how to use the LTC1540 for a low-battery
detect, drawing only 1.4µA at VBAT = 2V. The circuit is
powered by a 2-cell NiCd battery. The VBAT pin could be as
low as 1.6V when the batteries are completely depleted.
The electrical specifications of the LTC1540 guarantee
operation down to a supply voltage of 2V, but it is still
functional with the supply as low as 1.6V. Some param-
eters, such as VREF and VOS, will be degraded on lower
supply voltages. The input voltage range extends from
0.9V below the positive supply to the negative supply.
TYPICAL APPLICATIONS
Figure 9. Low-Battery Detect Works Down to 1.6V
V +
R1
3M
R2
1.1M
VBAT = ~1.6V TO 2.5V
V
21
7
8
OUT
GND
LBO
2-CELL
NiCd
LTC1540
1540 F09
IN+
IN
REF
HYST
3
4
6
5
+
R3
40k
R4
1.2M
R5
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com