Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1778 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1778
Description  Wide Operating Range, No RSENSE Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1778 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1778 Datasheet HTML 4Page - Linear Technology LTC1778 Datasheet HTML 5Page - Linear Technology LTC1778 Datasheet HTML 6Page - Linear Technology LTC1778 Datasheet HTML 7Page - Linear Technology LTC1778 Datasheet HTML 8Page - Linear Technology LTC1778 Datasheet HTML 9Page - Linear Technology LTC1778 Datasheet HTML 10Page - Linear Technology LTC1778 Datasheet HTML 11Page - Linear Technology LTC1778 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC1778/LTC1778-1
1778fb
FU CTIO AL DIAGRA
1.4V
0.7V
VRNG
3
+
–
+
–
+
–
+
7 ION
VON**
0.7V
2
2.4V
4 FCB
9 EXTVCC
10 VIN
1µA
RON
VVON
IION
tON =
(10pF)
R
SQ
20k
ICMP
IREV
×
Q6
1V
3.3µA
SHDN
SWITCH
LOGIC
BG
ON
FCNT
F
0.8V
–
+
4.7V
OV
1
240k
Q1
Q2
Q3
0.8V
0.6V
0.6V
ITH
RC
CC1
EA
SS
0.8V
LTC1778
LTC1778-1
*
**
Q4
+
–
×4
Q5
5
RUN/SS CSS
1
1778 FD
SGND
R2
R1
6
8
RUN
SHDN
12
PGND
13
PGOOD*
VFB
INTVCC
11
SW
14
TG
CB
VIN
CIN
15
BOOST
16
–
+
–
+
UV
0.74V
OV
0.86V
CVCC
VOUT
M2
M1
L1
COUT
+
0.8V
REF
5V
REG
1.2µA
6V
DB
ITHB
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com