Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1778 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1778
Description  Wide Operating Range, No RSENSE Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1778 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1778 Datasheet HTML 13Page - Linear Technology LTC1778 Datasheet HTML 14Page - Linear Technology LTC1778 Datasheet HTML 15Page - Linear Technology LTC1778 Datasheet HTML 16Page - Linear Technology LTC1778 Datasheet HTML 17Page - Linear Technology LTC1778 Datasheet HTML 18Page - Linear Technology LTC1778 Datasheet HTML 19Page - Linear Technology LTC1778 Datasheet HTML 20Page - Linear Technology LTC1778 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC1778/LTC1778-1
1778fb
APPLICATIO S I FOR ATIO
Other losses, including COUT ESR loss, Schottky diode D1
conduction loss during dead time and inductor core loss
generally account for less than 2% additional loss.
When making adjustments to improve efficiency, the
input current is the best indicator of changes in efficiency.
If you make a change and the input current decreases, then
the efficiency has increased. If there is no change in input
current, then there is no change in efficiency.
Checking Transient Response
The regulator loop response can be checked by looking at
the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to ∆ILOAD (ESR), where ESR is the effective series
resistance of COUT. ∆ILOAD also begins to charge or
discharge COUT generating a feedback error signal used by
the regulator to return VOUT to its steady-state value.
During this recovery time, VOUT can be monitored for
overshoot or ringing that would indicate a stability prob-
lem. The ITH pin external components shown in Figure 9
will provide adequate compensation for most applica-
tions. For a detailed explanation of switching control loop
theory see Application Note 76.
Design Example
As a design example, take a supply with the following
specifications: VIN = 7V to 28V (15V nominal), VOUT = 2.5V
±5%, IOUT(MAX) = 10A, f = 250kHz. First, calculate the
timing resistor with VON = VOUT:
R
V
V
kHz
pF
M
ON = ()(
)(
)
=
Ω
25
0 7
250
10
142
.
.
.
and choose the inductor for about 40% ripple current at
the maximum VIN:
L
V
kHz
A
V
V
H
= ()( )( ) −
⎛
⎝
⎜
⎞
⎠
⎟ =µ
25
250
0 4 10
1
25
28
23
.
.
.
.
Selecting a standard value of 1.8µH results in a maximum
ripple current of:
∆ = () µ
()
⎛
⎝
⎜
⎞
⎠
⎟ =
I
V
kHz
H
V
V
A
L
25
250
1 8
1
25
28
51
.
.
–
.
.
Next, choose the synchronous MOSFET switch. Choosing
a Si4874 (RDS(ON) = 0.0083Ω (NOM) 0.010Ω (MAX),
θJA = 40°C/W) yields a nominal sense voltage of:
VSNS(NOM) = (10A)(1.3)(0.0083Ω) = 108mV
Tying VRNG to 1.1V will set the current sense voltage range
for a nominal value of 110mV with current limit occurring
at 146mV. To check if the current limit is acceptable,
assume a junction temperature of about 80°C above a
70°C ambient with ρ150°C = 1.5:
I
mV
AA
LIMIT ≥ ()
Ω
()
+
() =
146
15 0010
1
2
51
12
..
.
and double check the assumed TJ in the MOSFET:
P
VV
V
AW
BOT =
() ( )
Ω
() =
28
2 5
28
12
15 0 010
197
2
–.
..
.
TJ = 70°C + (1.97W)(40°C/W) = 149°C
Because the top MOSFET is on for such a short time, an
Si4884 RDS(ON)(MAX) = 0.0165Ω, CRSS = 100pF, θJA =
40°C/W will be sufficient. Checking its power dissipation
at current limit with ρ100°C = 1.4:
P
V
V
A
VApF
kHz
WW
W
TOP =
() ( )
Ω
()+
()( ) ( )(
)(
)
=+=
25
28
12
1 4 0 0165
1 7 28
12
100
250
030
0 40
07
2
2
.
..
.
..
.
TJ = 70°C + (0.7W)(40°C/W) = 98°C
The junction temperatures will be significantly less at
nominal current, but this analysis shows that careful
attention to heat sinking will be necessary in this circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com