Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1778 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1778
Description  Wide Operating Range, No RSENSE Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1778 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1778 Datasheet HTML 8Page - Linear Technology LTC1778 Datasheet HTML 9Page - Linear Technology LTC1778 Datasheet HTML 10Page - Linear Technology LTC1778 Datasheet HTML 11Page - Linear Technology LTC1778 Datasheet HTML 12Page - Linear Technology LTC1778 Datasheet HTML 13Page - Linear Technology LTC1778 Datasheet HTML 14Page - Linear Technology LTC1778 Datasheet HTML 15Page - Linear Technology LTC1778 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
LTC1778/LTC1778-1
1778fb
Because the voltage at the ION pin is about 0.7V, the
current into this pin is not exactly inversely proportional to
VIN, especially in applications with lower input voltages.
To correct for this error, an additional resistor RON2
connected from the ION pin to the 5V INTVCC supply will
further stabilize the frequency.
R
V
V
R
ON
ON
2
5
07
=
.
Changes in the load current magnitude will also cause
frequency shift. Parasitic resistance in the MOSFET
switches and inductor reduce the effective voltage across
the inductance, resulting in increased duty cycle as the
load current increases. By lengthening the on-time slightly
as current increases, constant frequency operation can be
maintained. This is accomplished with a resistive divider
from the ITH pin to the VON pin and VOUT. The values
required will depend on the parasitic resistances in the
specific application. A good starting point is to feed about
25% of the voltage change at the ITH pin to the VON pin as
shown in Figure 4a. Place capacitance on the VON pin to
filter out the ITH variations at the switching frequency. The
resistor load on ITH reduces the DC gain of the error amp
and degrades load regulation, which can be avoided by
using the PNP emitter follower of Figure 4b.
Minimum Off-time and Dropout Operation
The minimum off-time tOFF(MIN) is the smallest amount of
time that the LTC1778 is capable of turning on the bottom
MOSFET, tripping the current comparator and turning the
MOSFET back off. This time is generally about 250ns. The
minimum off-time limit imposes a maximum duty cycle of
tON/(tON + tOFF(MIN)). If the maximum duty cycle is reached,
due to a dropping input voltage for example, then the
output will drop out of regulation. The minimum input
voltage to avoid dropout is:
VV
tt
t
IN MIN
OUT
ON
OFF MIN
ON
()
()
=
+
A plot of maximum duty cycle vs frequency is shown in
Figure 5.
Inductor Selection
Given the desired input and output voltages, the inductor
value and operating frequency determine the ripple
current:
∆ =
⎛
⎝
⎜
⎞
⎠
⎟
−
⎛
⎝
⎜
⎞
⎠
⎟
I
V
fL
V
V
L
OUT
OUT
IN
1
Lower ripple current reduces core losses in the inductor,
ESR losses in the output capacitors and output voltage
APPLICATIO S I FOR ATIO
CVON
0.01µF
RVON2
100k
RVON1
30k
CC
VOUT
RC
(4a)
(4b)
VON
ITH
LTC1778
CVON
0.01µF
RVON2
10k
Q1
2N5087
RVON1
3k
10k
CC
1778 F04
VOUT
INTVCC
RC
VON
ITH
LTC1778
Figure 4. Correcting Frequency Shift with Load Current Changes
2.0
1.5
1.0
0.5
0
0
0.25
0.50
0.75
1778 F05
1.0
DROPOUT
REGION
DUTY CYCLE (VOUT/VIN)
Figure 5. Maximum Switching Frequency vs Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com