Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1735 Datasheet(PDF) 1 Page - Linear Technology

Part # 1735
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1735 Datasheet(HTML) 1 Page - Linear Technology

  1735 Datasheet HTML 1Page - Linear Technology 1735 Datasheet HTML 2Page - Linear Technology 1735 Datasheet HTML 3Page - Linear Technology 1735 Datasheet HTML 4Page - Linear Technology 1735 Datasheet HTML 5Page - Linear Technology 1735 Datasheet HTML 6Page - Linear Technology 1735 Datasheet HTML 7Page - Linear Technology 1735 Datasheet HTML 8Page - Linear Technology 1735 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
LTC1735
1735fc
High Efficiency
Synchronous Step-Down
Switching Regulator
The LTC
®1735 is a synchronous step-down switching
regulator controller that drives external N-channel power
MOSFETs using a fixed frequency architecture. Burst
Mode
TM operation provides high efficiency at low load
currents. The precision 0.8V reference is compatible with
future generation microprocessors. OPTI-LOOP compen-
sation allows the transient response to be optimized over
a wide range of output capacitance and ESR values.
The operating frequency (synchronizable up to 500kHz) is
set by an external capacitor allowing maximum flexibility
in optimizing efficiency. A forced continuous control pin
reduces noise and RF interference and can assist second-
ary winding regulation by disabling Burst Mode operation
when the main output is lightly loaded.
Protection features include internal foldback current lim-
iting, output overvoltage crowbar and optional short-
circuit shutdown. Soft-start is provided by an external
capacitor that can be used to properly sequence supplies.
The operating current level is user-programmable via an
external current sense resistor. Wide input supply range
allows operation from 4V to 30V (36V maximum).
s
Synchronizable/Programmable Fixed Frequency
s
OPTI-LOOP
TM Compensation Minimizes COUT
s
±1% Output Voltage Accuracy
s
Dual N-Channel MOSFET Synchronous Drive
s
Wide VIN Range: 4V to 36V Operation
s
VOUT Range: 0.8V to 6V
s
Internal Current Foldback
s
Output Overvoltage Crowbar Protection
s
Latched Short-Circuit Shutdown Timer
with Defeat Option
s
Very Low Dropout Operation: 99% Duty Cycle
s
Forced Continuous Control Pin
s
Optional Programmable Soft-Start
s
Remote Output Voltage Sense
s
Power Good Output (LTC1735F Only)
s
Logic Controlled Micropower Shutdown: IQ < 25µA
s
LTC1435 Pin Compatible with
Minor Component Changes
s
Available in 16-Lead Narrow SSOP, SO Packages and
20-Lead TSSOP Package (LTC1735F Only)
Figure 1. High Efficiency Step-Down Converter
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode and OPTI-LOOP are trademarks of Linear Technology Corporation.
s
Notebook and Palmtop Computers, PDAs
s
Cellular Telephones and Wireless Modems
s
DC Power Distribution Systems
COSC
RUN/SS
TG
BOOST
LTC1735
CB
0.22
µF
100pF
CC
330pF
RC
33k
RSENSE
0.005
Ω
VOUT
1.6V
9A
COUT: PANASONIC EEFUEOG181R
CIN: MARCON THCR70E1H226ZT
L1: PANASONIC ETQP6F2R0HFA
RSENSE: IRC LRF2010-01-R005J
1000pF
CSS
0.1
µF COSC
47pF
+
4.7
µF
+
COUT
180
µF
4V
×4
SP
CIN
22
µF
50V
M1
FDS6680A
M2
FDS6680A
1735 F01
DB
CMDSH-3
D1
MBRS340T3
VIN
5V TO 24V
L1
2
µH
CC2
100pF
R2
20k
1%
R1
20k
1%
SGND
VOSENSE
SENSE–
SENSE+
INTVCC
BG
PGND
ITH
SW
VIN
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - 1735

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1735 ALPHAWIRE-1735 Datasheet
97Kb / 4P
Customer Specification
12/5/2022
logo
Winchester Electronics ...
1735-13 WINCHESTER-1735-13 Datasheet
62Kb / 1P
PLIG PJ-291
logo
Extreme Networks.
17350 EXTREMENETWORKS-17350 Datasheet
219Kb / 11P
High-performance 48-port 10Gb aggregation and leaf switch
16aug23
logo
PHOENIX CONTACT
1735008 PHOENIX-1735008 Datasheet
97Kb / 2P
DFK-MSTBVA 2,5/ 5-G-5,08 BK
1735053 PHOENIX-1735053 Datasheet
104Kb / 2P
IC 2,5/ 2-ST-5,08 BK
More results

Similar Description - 1735

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1707 LINER-LTC1707 Datasheet
213Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Switching Regulator
LTC1735-1 LINER-LTC1735-1 Datasheet
332Kb / 28P
High Efficiency Synchronous Step-Down Switching Regulator
LTC1735 LINER-LTC1735 Datasheet
373Kb / 32P
High Efficiency Synchronous Step-Down Switching Regulator
LTC1707 LINER-LTC1707_1 Datasheet
222Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Switching Regulator
LTC1707 LINER-LTC1707_15 Datasheet
228Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Switching Regulator
LTC1435 LINER-LTC1435_15 Datasheet
348Kb / 20P
High Efficiency Low Noise Synchronous Step-Down Switching Regulator
LTC1735 LINER-LTC1735_15 Datasheet
410Kb / 32P
High Efficiency Synchronous Step-Down Switching Regulator
LTC1735-1 LINER-LTC1735-1_15 Datasheet
353Kb / 28P
High Efficiency Synchronous Step-Down Switching Regulator
logo
New Japan Radio
NJU7690 NJRC-NJU7690 Datasheet
175Kb / 9P
High Efficiency Synchronous Step-Down switching regulator IC
logo
Linear Technology
LT8630 LINER-LT8630 Datasheet
399Kb / 8P
Synchronous Micropower Step-Down High Efficiency Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com