Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1735 Datasheet(PDF) 13 Page - Linear Technology

Part # 1735
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1735 Datasheet(HTML) 13 Page - Linear Technology

Back Button 1735 Datasheet HTML 9Page - Linear Technology 1735 Datasheet HTML 10Page - Linear Technology 1735 Datasheet HTML 11Page - Linear Technology 1735 Datasheet HTML 12Page - Linear Technology 1735 Datasheet HTML 13Page - Linear Technology 1735 Datasheet HTML 14Page - Linear Technology 1735 Datasheet HTML 15Page - Linear Technology 1735 Datasheet HTML 16Page - Linear Technology 1735 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
LTC1735
1735fc
Ferrite designs have very low core loss and are preferred
at high switching frequencies, so design goals can con-
centrate on copper loss and preventing saturation. Ferrite
core material saturates “hard,” which means that induc-
tance collapses abruptly when the peak design current is
exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do
not allow the core to saturate!
Molypermalloy (from Magnetics, Inc.) is a very good, low
loss core material for toroids, but it is more expensive than
ferrite. A reasonable compromise from the same manu-
facturer is Kool M
µ. Toroids are very space efficient,
especially when you can use several layers of wire. Be-
cause they generally lack a bobbin, mounting is more
difficult. However, designs for surface mount are available
that do not increase the height significantly.
Power MOSFET and D1 Selection
Two external power MOSFETs must be selected for use
with the LTC1735: An N-channel MOSFET for the top
(main) switch and an N-channel MOSFET for the bottom
(synchronous) switch.
The peak-to-peak gate drive levels are set by the INTVCC
voltage. This voltage is typically 5.2V during start-up (see
EXTVCC pin connection). Consequently, logic-level thresh-
old MOSFETs must be used in most LTC1735 applica-
tions. The only exception is when low input voltage is
expected (VIN < 5V); then, sub-logic level threshold
MOSFETs (VGS(TH) < 3V) should be used. Pay close
attention to the BVDSS specification for the MOSFETs as
well; many of the logic level MOSFETs are limited to 30V
or less.
Selection criteria for the power MOSFETs include the “ON”
resistance RDS(ON), reverse transfer capacitance CRSS,
input voltage and maximum output current. When the
LTC1735 is operating in continuous mode the duty cycles
for the top and bottom MOSFETs are given by:
Main Switch Duty Cycle
V
V
OUT
IN
=
Synchronous Switch Duty Cycle
VV
V
IN
OUT
IN
=
–
APPLICATIO S I FOR ATIO
The MOSFET power dissipations at maximum output
current are given by:
P
V
V
IR
kV
I
C
f
MAIN
OUT
IN
MAX
DS ON
IN
MAX
RSS
=
() +
()
+
() ( )( )( )
2
2
1
δ
()
P
VV
V
IR
SYNC
IN
OUT
IN
MAX
DS ON
=
() +
()
–
()
2
1
δ
where
δ is the temperature dependency of RDS(ON) and k
is a constant inversely related to the gate drive current.
Both MOSFETs have I2R losses while the topside
N-channel equation includes an additional term for transi-
tion losses, which are highest at high input voltages. For
VIN < 20V the high current efficiency generally improves
with larger MOSFETs, while for VIN > 20V the transition
losses rapidly increase to the point that the use of a higher
RDS(ON) device with lower CRSS actually provides higher
efficiency. The synchronous MOSFET losses are greatest
at high input voltage or during a short-circuit when the
duty cycle in this switch is nearly 100%.
The term (1 +
δ) is generally given for a MOSFET in the
form of a normalized RDS(ON) vs Temperature curve, but
δ = 0.005/°C can be used as an approximation for low
voltage MOSFETs. CRSS is usually specified in the
MOSFET characteristics. The constant k = 1.7 can be
used to estimate the contributions of the two terms in the
main switch dissipation equation.
The Schottky diode D1 shown in Figure 1 conducts during the
dead-timebetweentheconductionofthetwopowerMOSFETs.
This prevents the body diode of the bottom MOSFET from
turning on and storing charge during the dead-time, which
could cost as much as 1% in efficiency. A 3A Schottky is
generally a good size for 10A to 12A regulators due to the
relatively small average current. Larger diodes can result in
additionaltransitionlossesduetotheirlargerjunctioncapaci-
tance. The diode may be omitted if the efficiency loss can be
tolerated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com