Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1735 Datasheet(PDF) 14 Page - Linear Technology

Part # 1735
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1735 Datasheet(HTML) 14 Page - Linear Technology

Back Button 1735 Datasheet HTML 10Page - Linear Technology 1735 Datasheet HTML 11Page - Linear Technology 1735 Datasheet HTML 12Page - Linear Technology 1735 Datasheet HTML 13Page - Linear Technology 1735 Datasheet HTML 14Page - Linear Technology 1735 Datasheet HTML 15Page - Linear Technology 1735 Datasheet HTML 16Page - Linear Technology 1735 Datasheet HTML 17Page - Linear Technology 1735 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
14
LTC1735
1735fc
CIN Selection
In continuous mode, the source current of the top
N-channel MOSFET is a square wave of duty cycle VOUT/
VIN. To prevent large voltage transients, a low ESR input
capacitor sized for the maximum RMS current must be
used. The maximum RMS capacitor current is given by:
II
V
V
V
V
RMS
O MAX
OUT
IN
IN
OUT
≅


()
/
–1
12
This formula has a maximum at VIN = 2VOUT, where
IRMS = IO(MAX)/2. This simple worst case condition is com-
monly used for design because even significant deviations do
not offer much relief. Note that capacitor manufacturers’
ripple current ratings are often based on only 2000 hours of
life. This makes it advisable to further derate the capacitor or
to choose a capacitor rated at a higher temperature than
required. Several capacitors may also be paralleled to meet
size or height requirements in the design. Always consult the
manufacturer if there is any question.
COUT Selection
The selection of COUT is primarily determined by the
effective series resistance (ESR) to minimize voltage
ripple. The output ripple (
∆VOUT) in continuous mode is
determined by:
∆∆
V
I ESR
fC
OUT
L
OUT
≈+


1
8
Where f = operating frequency, COUT = output capaci-
tance and
∆IL = ripple current in the inductor. The output
ripple is highest at maximum input voltage since
∆IL
increases with input voltage. Typically, once the ESR
requirement for COUT has been met, the RMS current
rating generally far exceeds the IRIPPLE(P–P) requirement.
With
∆IL= 0.3IOUT(MAX) and allowing 2/3 of the ripple due
to ESR the output ripple will be less than 50mV at max VIN
assuming:
COUT required ESR < 2.2 RSENSE
COUT > 1/(8fRSENSE)
APPLICATIO S I FOR ATIO
The first condition relates to the ripple current into the ESR
of the output capacitance while the second term guaran-
tees that the output capacitance does not significantly
discharge during the operating frequency period due to
ripple current. The choice of using smaller output capaci-
tance increases the ripple voltage due to the discharging
term but can be compensated for by using capacitors of
very low ESR to maintain the ripple voltage at or below
50mV. The ITH pin OPTI-LOOP compensation compo-
nents can be optimized to provide stable, high perfor-
mance transient response regardless of the output capaci-
tors selected.
The selection of output capacitors for CPU or other appli-
cations with large load current transients is primarily
determined by the voltage tolerance specifications of the
load. The resistive component of the capacitor, ESR,
multiplied by the load current change plus any output
voltage ripple must be within the voltage tolerance of the
load (CPU).
The required ESR due to a load current step is:
RESR < ∆V/∆I
where
∆I is the change in current from full load to zero load
(or minimum load) and
∆V is the allowed voltage deviation
(not including any droop due to finite capacitance).
The amount of capacitance needed is determined by the
maximum energy stored in the inductor. The capacitance
must be sufficient to absorb the change in inductor current
when a high current to low current transition occurs. The
opposite load current transition is generally determined by
the control loop OPTI-LOOP components, so make sure
not to over compensate and slow down the response. The
minimum capacitance to assure the inductors’ energy is
adequately absorbed is:
C
LI
VV
OUT
OUT
>
()
()
∆
∆
2
2
where
∆I is the change in load current.
Manufacturers such as Nichicon, United Chemi-Con and
Sanyo can be considered for high performance through-
hole capacitors. The OS-CON semiconductor electrolyte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com