Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4263IDE Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4263IDE
Description  Single IEEE 802.3af Compliant PSE Controller with Internal Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263IDE Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4263IDE Datasheet HTML 6Page - Linear Technology LTC4263IDE Datasheet HTML 7Page - Linear Technology LTC4263IDE Datasheet HTML 8Page - Linear Technology LTC4263IDE Datasheet HTML 9Page - Linear Technology LTC4263IDE Datasheet HTML 10Page - Linear Technology LTC4263IDE Datasheet HTML 11Page - Linear Technology LTC4263IDE Datasheet HTML 12Page - Linear Technology LTC4263IDE Datasheet HTML 13Page - Linear Technology LTC4263IDE Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC4263
10
4263fe
APPLICATIONS INFORMATION
POE OVERVIEW
Over the years, twisted-pair Ethernet has become the most
commonly used method for local area networking. The
IEEE 802.3 group, the originator of the Ethernet standard,
has defined an extension to the standard, IEEE 802.3af,
which allows DC power to be delivered simultaneously
over the same cable used for data communication. This
has enabled a whole new class of Ethernet devices, in-
cluding IP telephones, wireless access points, and PDA
charging stations which do not require additional AC
wiring or external power transformers, a.k.a. “wall warts.”
With about 13W of power available, small data devices
can be powered by their Ethernet connections, free from
AC wall outlets. Sophisticated detection and power mon-
itoring techniques prevent damage to legacy data-only
devices while still supplying power to newer, Ethernet-
powered devices over the twisted-pair cable.
The device that supplies power is called the Power Sourcing
Equipment (PSE). A device that draws power from the
wire is called a Powered Device (PD). A PSE is typically an
Ethernet switch, router, hub, or other network switching
equipment that is commonly found in the wiring closets
where cables converge. PDs can take many forms. Digital
IP telephones, wireless network access points, PDA or
notebook computer docking stations, cell phone chargers,
and HVAC thermostats are examples of devices that can
draw power from the network.
A PSE is required to provide a nominal 48V DC between
either the signal pairs or the spare pairs (but not both)
as shown in Figure 1. The power is applied as a voltage
between two of the pairs, typically by powering the cen-
ter taps of the isolation transformers used to couple the
differential data signals to the wire. Since Ethernet data
is transformer coupled at both ends and is sent differen-
tially, a voltage difference between the transmit pairs and
the receive pairs does not affect the data. A 10Base-T/
100Base-TX Ethernet connection only uses two of the four
pairs in the cable. The unused or spare pairs can option-
ally be powered directly, as shown in Figure 1, without
affecting the data. 1000Base-T uses all four pairs and
power must be connected to the transformer center taps
if compatibility with 1000Base-T is required.
The LTC4263 provides a complete PSE solution for de-
tection and powering of PD devices in an IEEE 802.3af
compliant system. The LTC4263 controls a single PSE
port that will detect, classify, and provide isolated 48V
power to a PD device connected to the port. The LTC4263
senses removal of a PD with IEEE 802.3af compliant AC
or DC methods and turns off 48V power when the PD is
disconnected. An internal control circuit takes care of
system configuration and timing.
Figure 1. System Diagram
4263 F01
SMAJ58A
58V
0.1μF
0.1μF
Tx
Rx
Rx
Tx
SMAJ58A
58V
DATA PAIR
DATA PAIR
SPARE PAIR
SPARE PAIR
–48V SUPPLY
–48V RETURN
CAT 5
20Ω MAX
ROUNDTRIP
0.05μF MAX
RJ45
4
5
4
5
1
2
1
2
3
6
3
6
7
6
7
6
RJ45
1N4002
4
1N4002
4
PSE
PD
–48VIN
–48VOUT
RCLASS
LTC4267-BASED
PD/SWITCHER
GND
OUT
5mF ≤ CIN
≤ 300μF
+
–
VOUT
0.1μF
0.1μF
VSS
OUT
VDD48
VDD5
LTC4263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com