Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4263IDE Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4263IDE
Description  Single IEEE 802.3af Compliant PSE Controller with Internal Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263IDE Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4263IDE Datasheet HTML 8Page - Linear Technology LTC4263IDE Datasheet HTML 9Page - Linear Technology LTC4263IDE Datasheet HTML 10Page - Linear Technology LTC4263IDE Datasheet HTML 11Page - Linear Technology LTC4263IDE Datasheet HTML 12Page - Linear Technology LTC4263IDE Datasheet HTML 13Page - Linear Technology LTC4263IDE Datasheet HTML 14Page - Linear Technology LTC4263IDE Datasheet HTML 15Page - Linear Technology LTC4263IDE Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC4263
12
4263fe
APPLICATIONS INFORMATION
Figure 4. Classification Load Lines
Classification
An IEEE 802.3af PD has the option of presenting a
classification signature to the PSE to indicate how much
power it will draw when operating. This signature consists
of a specific constant-current draw when the PSE port
voltage is between 15.5V and 20.5V, with the current level
indicating the power class to which the PD belongs. Per
the IEEE 802.3af specification, there are five classes and
three power levels for a PD as shown in Table 1. Note that
class 4 is presently reserved by the IEEE for future use.
Figure 4 shows an example PD load line, starting with the
shallow slope of the 25k signature resistor below 10V, then
drawing the classification current (in this case, class 3)
between 15.5V and 20.5V. Also shown is the load line for
the LTC4263. It maintains a low impedance until reaching
current limit at 60mA (typ).
The LTC4263 will classify a port immediately after a
successful detection. It measures the PD classification
signature current by applying 18V (typ) to the port and
measuring the resulting current. The LTC4263 identifies
the three IEEE power levels and stores the detected class
internally for use by the power management circuitry. In
addition, the LTC4263 allows selectable enforcement of
IEEE classification power levels. With the ENFCLS pin
high, the LTC4263 reduces the ICUT current threshold if it
detects class 1 or class 2, thereby insuring that PDs which
violate their advertised class are shut down.
Table 1. IEEE 802.3af Classification, PD Power Consumption, and LTC4263 Enforced Power Output
IEEE 802.3af
CLASS
CLASSIFICATION
CURRENT
MAXIMUM
IEEE ALLOWABLE
PD POWER
LTC4263
ENFORCED ICUT
THRESHOLD*
CLASS DESCRIPTION
0
0mA to 5mA
12.95W
375mA (typ)
PD Does Not Implement Classification, Unknown Power
1
8mA to 13mA
3.84W
100mA (typ)
Low Power PD
2
16mA to 21mA
6.49W
175mA (typ)
Medium Power PD
3
25mA to 31mA
12.95W
375mA (typ)
Full Power PD
4
35mA to 45mA
12.95W
375mA (typ)
Reserved, Power as Class 0
*Enforced ICUT active if ENFCLS pin is high. Otherwise, ICUT is 375mA (typ).
VDD48 – VOUT
0
60
50
40
30
20
10
0
510
15
20
4263 F04
25
TYPICAL
CLASS 3
PD LOAD
LINE
48mA
33mA
PSE LOAD
LINE
23mA
14.5mA
6.5mA
CLASS 4
CLASS 2
CLASS 1
CLASS 0
CLASS 3
OVER
CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com