Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4263IDE Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4263IDE
Description  Single IEEE 802.3af Compliant PSE Controller with Internal Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263IDE Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4263IDE Datasheet HTML 16Page - Linear Technology LTC4263IDE Datasheet HTML 17Page - Linear Technology LTC4263IDE Datasheet HTML 18Page - Linear Technology LTC4263IDE Datasheet HTML 19Page - Linear Technology LTC4263IDE Datasheet HTML 20Page - Linear Technology LTC4263IDE Datasheet HTML 21Page - Linear Technology LTC4263IDE Datasheet HTML 22Page - Linear Technology LTC4263IDE Datasheet HTML 23Page - Linear Technology LTC4263IDE Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC4263
24
4263fe
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 0610 REV E • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC1737
High Power Isolated Flyback Controller
Sense Output Voltage Directly from Primary-Side Winding
LTC3803
Current Mode Flyback DC/DC Controller in ThinSOT
TM
200kHz Constant-Frequency, Adjustable Slope Compensation,
Optimized for High Input Voltage Applications
LTC4257
IEEE 802.3af PD Interface Controller
100V 400mA Internal Switch, Programmable Classification
LTC4257-1
IEEE 802.3af PD Interface Controller
100V 400mA Dual Current Limit
LTC4258
Quad IEEE 802.3af Power Over Ethernet Controller
DC Disconnect Only
LTC4259A-1
Quad IEEE 802.3af Power Over Ethernet Controller
With AC Disconnect
LTC4267
IEEE 802.3af PD Interface with Switcher
Integrated Current Mode Switching Regulator
Complete Single-Port Endpoint PSE with Integrated RJ45
L1
10mH, 21mA
DS1608C-106
COILCRAFT
LED1
LN1351C-TR
GRN
4263 TA03
C1
0.1μF
D5 CMLSHO5-4
R6
1k
22nF
75Ω
RD+
PHY
RD–
2kV
1000pF
JKO-0044
PULSE
1:1
VDD5
SD
LEGACY
MIDSPAN
ENFCLS
VSS
VSS
14
12
2
3
13
5
6
LTC4263
U1
ISOLATED
48V
ACOUT
OUT
OUT
VDD48
LED
PWRMGT
OSC
8
10
9
11
1
4
7
TD+
CT
J1
TD–
VC1A
VC1B
VC2A
VC2B
2
9
1
7
8
5
10
6
11
TX+
TX–
RX+
RX–
1:1
D2
SMAJ58A
C4
0.1μF
100V
22nF
75Ω
22nF
75Ω
22nF
4
6
3
2
1
5
7
8
75Ω
R2
1k
R5
510k
C7, 0.47μF
100V, X7R
C5
0.1μF
D1
BAS19
C3
0.1μF
100V
F1
1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com