Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP12P10 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MTP12P10
Description  TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.3 OHM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP12P10 Datasheet(HTML) 4 Page - Motorola, Inc

  MTP12P10 Datasheet HTML 1Page - Motorola, Inc MTP12P10 Datasheet HTML 2Page - Motorola, Inc MTP12P10 Datasheet HTML 3Page - Motorola, Inc MTP12P10 Datasheet HTML 4Page - Motorola, Inc MTP12P10 Datasheet HTML 5Page - Motorola, Inc MTP12P10 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MTP12P10
4
Motorola TMOS Power MOSFET Transistor Device Data
SAFE OPERATING AREA INFORMATION
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 7. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 8. Maximum Rated Switching
Safe Operating Area
0
20
40
60
80
0
40
50
100
RDS(on) LIMIT
PACKAGE LIMIT
THERMAL LIMIT
10
VGS = 20 V
SINGLE PULSE
TC = 25°C
1
1
10
10
µs
1 ms
10 ms
30
10
100
0.1 ms
MTM/MTP12P06
MTM/MTP12P10
20
10
30
50
70
90
MTM/MTP12P06
MTM/MTP12P10
dc
FORWARD BIASED SAFE OPERATING AREA
The FBSOA curves define the maximum drain–to–source
voltage and drain current that a device can safely handle
when it is forward biased, or when it is on, or being turned on.
Because these curves include the limitations of simultaneous
high voltage and high current, up to the rating of the device,
they are especially useful to designers of linear systems. The
curves are based on a case temperature of 25
°C and a maxi-
mum junction temperature of 150
°C. Limitations for repetitive
pulses at various case temperatures can be determined by
using the thermal response curves. Motorola Application
Note, AN569, “Transient Thermal Resistance–General Data
and Its Use” provides detailed instructions.
SWITCHING SAFE OPERATING AREA
The switching safe operating area (SOA) of Figure 8 is the
boundary that the load line may traverse without incurring
damage to the MOSFET. The fundamental limits are the
peak current, IDM and the breakdown voltage, V(BR)DSS. The
switching SOA shown in Figure 8 is applicable for both turn–
on and turn–off of the devices for switching times less than
one microsecond.
The power averaged over a complete switching cycle must
be less than:
TJ(max) – TC
R
θJC
Figure 9. Thermal Response
R
θJC(t) = r(t) RθJC
R
θJC = 1.67°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
t, TIME (ms)
1
0.01
D = 0.5
0.05
0.01
SINGLE PULSE
0.01
0.02
0.03
0.02
0.05
0.1
0.2
0.3
0.5
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
0.1
0.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com