Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP12P10 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MTP12P10
Description  TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.3 OHM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP12P10 Datasheet(HTML) 3 Page - Motorola, Inc

  MTP12P10 Datasheet HTML 1Page - Motorola, Inc MTP12P10 Datasheet HTML 2Page - Motorola, Inc MTP12P10 Datasheet HTML 3Page - Motorola, Inc MTP12P10 Datasheet HTML 4Page - Motorola, Inc MTP12P10 Datasheet HTML 5Page - Motorola, Inc MTP12P10 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MTP12P10
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
–VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
TJ, JUNCTION TEMPERATURE (°C)
Figure 2. Gate–Threshold Voltage Variation
With Temperature
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 3. Transfer Characteristics
TJ, JUNCTION TEMPERATURE (°C)
Figure 4. Normalized Breakdown Voltage
versus Temperature
ID, DRAIN CURRENT (AMPS)
Figure 5. On–Resistance versus Drain Current
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. On–Resistance Variation
With Temperature
20
18
16
14
12
10
8
6
4
2
0
10
9
8
7
6
5
4
3
2
1
0
1.2
1.1
1
0.9
0.8
–50
–25
0
25
50
75
100
125
150
20
16
12
8
4
0
20
16
12
8
4
0
2
1.6
1.2
0.8
0.4
0
–50
–75
0
25
50
75
100
125
150
0.5
0.4
0.3
0.2
0.1
0
40
36
32
28
24
20
16
12
8
4
0
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
–50
–25
0
25
50
75
100
125
150
TJ = 25°C
VGS = –20 V
8 V
10 V
7 V
6 V
5 V
VDS = VGS
ID = 1 mA
VDS = 20 V
TJ = –55°C
25
°C
100
°C
VGS = 0
ID = 0.25 mA
TJ = 100°C
25
°C
–55
°C
VGS = 15 V
VGS = 10 V
ID = 6 A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com