Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7066 Datasheet(PDF) 23 Page - Anpec Electronics Coropration

Part # APW7066
Description  Dual Synchronous Buck PWM Controllers and One Linear Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7066 Datasheet(HTML) 23 Page - Anpec Electronics Coropration

Back Button APW7066 Datasheet HTML 19Page - Anpec Electronics Coropration APW7066 Datasheet HTML 20Page - Anpec Electronics Coropration APW7066 Datasheet HTML 21Page - Anpec Electronics Coropration APW7066 Datasheet HTML 22Page - Anpec Electronics Coropration APW7066 Datasheet HTML 23Page - Anpec Electronics Coropration APW7066 Datasheet HTML 24Page - Anpec Electronics Coropration APW7066 Datasheet HTML 25Page - Anpec Electronics Coropration APW7066 Datasheet HTML 26Page - Anpec Electronics Coropration APW7066 Datasheet HTML 27Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.8 - Aug., 2009
APW7066
www.anpec.com.tw
23
Figure 6. FS/SYNC Resistance vs. Frequency
Figure 7. Connecting the LGATE signal from other regu-
lator to FS/SYNC pin
Shunt Regulator (Cont.)
Function Description (Cont.)
VCC (5.8V)
VCC12
OPTIONAL R
FOR SHUNT
REGULATOR
Figure 5.
Oscillator
The APW7066 provides the oscillator switching frequency
adjustment. Connect a resistor from FS/SYNC pin to the
ground, the nominally 300kHz oscillator switching fre-
quency is increased according to the value of the resistor.
The adjustment range of the switching frequency is
300kHz to 800kHz.
Conversely, connecting a resistor from FS/SYNC pin to
the VCC12 reduces the switching frequency.The adjust-
ment range of the switching frequency is 70kHz to 300kHz.
0
100
200
300
400
500
600
700
800
900
1000
0
100 200 300 400 500 600 700 800
Switching Frequency
FS to GND
FS to
VCC12
SYNC
Figure 8 shows the switching timing of the synchroni-
zation function. The rising edge of external signal
and the falling edge of UGATE of APW7066 are fixed; there
is a delay time between the rising edge of external sig-
nal and the falling edge of UGATE, the delay time is
about 500ns. Figure 9 shows the timing chart of the
synchronization function. An external signal is connected
to the FS/SYNC pin and the switching frequency of
APW7066 will track the frequency of external signal after
an additional 300
µs delay time to avoid false triggering. If
another converter’s signal is lost, the APW7066 will re-
turn to internal oscillator. This allows the two switch-
ing converters operating at the same frequency to avoid the
interference from the independent frequencies between
them. The acceptable frequency is a range of 150kHz to
800kHz.
APW7066
FS/
SYNC
Other
Regulator
UGATE
LGATE
VIN
VOUT
External Clock (10V/div)
LGATE1 (10V/div)
UGATE1 (10V/div)
LGATE2 (10V/div)
Time (0.5
µ/div)
Figure 8. The switching timing of synchronization func-
tion
The switching frequency also can be synchronized to an
external frequency. If there are two switching convert-
ers on the same board, taking the LGATE signal from
another switching converter, go through a 10k
Ω resistor,
and connecting to the FS/SYNC pin (see Figure 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com