Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7066 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7066
Description  Dual Synchronous Buck PWM Controllers and One Linear Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7066 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7066 Datasheet HTML 1Page - Anpec Electronics Coropration APW7066 Datasheet HTML 2Page - Anpec Electronics Coropration APW7066 Datasheet HTML 3Page - Anpec Electronics Coropration APW7066 Datasheet HTML 4Page - Anpec Electronics Coropration APW7066 Datasheet HTML 5Page - Anpec Electronics Coropration APW7066 Datasheet HTML 6Page - Anpec Electronics Coropration APW7066 Datasheet HTML 7Page - Anpec Electronics Coropration APW7066 Datasheet HTML 8Page - Anpec Electronics Coropration APW7066 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.8 - Aug., 2009
APW7066
www.anpec.com.tw
5
Electrical Characteristics (Cont.)
Operating Conditions: V
CC = 5V, VCC12 = 12V, TA = 0 to 70°C, unless Otherwise Specified.
APW7066
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VREF
Output Voltage
1.1
µF max capacitance
-
3.3
-
V
Output Accuracy
-0.8
-
+0.8
%
Source Current
-
-
2.0
mA
REFOUT (VTTREF)
Output Voltage
Determined by REFIN voltage
0.6
-
3.3
V
Offset Voltage
-10
-
+10
mV
Source Current
0.2
-
20
mA
Sink Current
-
-
0.48
mA
Output Capacitance
-
0.1
-
µF
Output High Voltage Minimum
To select 0 degree phase; see Table 1
-
3.8
VCC
V
ENABLE/SOFTSTART (SS/EN 1,2,3)
Enable Threshold
EN Rising
-
1.05
-
V
EN falling
-
0.95
-
Soft-Start Current
-
-30
-
µA
Soft-Start High Voltage
End of ramp
-
3.5
-
V
Output High Voltage
To select DDR mod; see Table 1
-
3.8
VCC
V
FS/SYNC PLL
Frequency range of Lock-in
150
-
800
kHz
High Voltage
From LG pin of another IC, for example
-
-
12
V
GATE DRIVERS
Output1 GATE Driver Source
UGATE1, LGATE1=3V, BOOT=12V
-
1.8
-
A
Output2 GATE Driver Source
UGATE2, LGATE2=3V, BOOT=12V
-
1
-
A
Output1 GATE Driver Sink
UGATE1, LGATE1=3V, BOOT=12V
-
2.5
-
Ω
Output2 GATE Driver Sink
UGATE2, UGATE2=3V, BOOT=12V
-
4
-
Ω
Output Voltage
UGATE1, UGATE2
-
-
30
V
Output Voltage
LGATE1, LGATE2
-
12
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com