Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7199 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APW7199
Description  High-Performance Step-Down PWM Controller with PFM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7199 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APW7199 Datasheet HTML 14Page - Anpec Electronics Coropration APW7199 Datasheet HTML 15Page - Anpec Electronics Coropration APW7199 Datasheet HTML 16Page - Anpec Electronics Coropration APW7199 Datasheet HTML 17Page - Anpec Electronics Coropration APW7199 Datasheet HTML 18Page - Anpec Electronics Coropration APW7199 Datasheet HTML 19Page - Anpec Electronics Coropration APW7199 Datasheet HTML 20Page - Anpec Electronics Coropration APW7199 Datasheet HTML 21Page - Anpec Electronics Coropration APW7199 Datasheet HTML 22Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Oct., 2010
APW7199
www.anpec.com.tw
18
Application Information (Cont.)
Output Capacitor Selection (Cont.)
Input Capacitor Selection
The input capacitor is chosen based on the voltage rating
and the RMS current rating. For reliable operation, select-
ing the capacitor voltage rating to be at least 1.3 times
higher than the maximum input voltage. The maximum
RMS current rating requirement is approximately I
OUT/2,
where I
OUT is the load current. During power-up, the input
capacitors have to handle great amount of surge current.
For low-duty notebook appliactions, ceramic capacitor is
recommended. The capacitors must be connected be-
tween the drain of high-side MOSFET and the source of
low-side MOSFET with very low-impeadance PCB layout.
MOSFET Selection
The selection of the N-channel power MOSFETs are
determined by the R
DS(ON), reversing transf er c ap ac i -
tance (C
RSS) and maximum output current requirement.
The losses in the MOSFETs have two components:
conduction loss and transition loss. For the high-side
and low-side MOSFETs, the losses are approximately
given by the following equations:
P
high-side = IOUT
2(1+ TC)(R
DS(ON))D + (0.5)( IOUT)(VIN)( tSW)FSW
P
low-side = IOUT
2(1+ TC)(R
DS(ON))(1-D)
Layout Consideration
During turn-off, current stops flowing in the MOSFET and
is freewheeling by the low side MOSFET and parasitic
diode. Any parasitic inductance of the circuit generates a
large voltage spike during the switching interval. In
general, using short and wide printed circuit traces should
minimize interconnecting impedances and the magni-
tude of voltage spike. Besides, signal and power grounds
are to be kept separating and finally combined using
ground plane construction or single point grounding. Fig-
ure 3 illustrates the layout, with bold lines indicating high
current paths; these traces must be short and wide. Com-
ponents along the bold lines should be placed lose
together. Below is a checklist for your layout:
Where
I
OUT is the load current
TC is the temperature dependency of R
DS(ON)
F
SW is the switching frequency
t
SW is the switching interval
D is the duty cycle
Note that both MOSFETs have conduction losses while
the high-side MOSFET includes an additional transition
loss. The switching interval, t
SW, is the function of the re-
verse transfer capacitance C
RSS. The (1+TC) term is a
factor in the temperature dependency of the R
DS(ON) and
can be extracted from the “R
DS(ON) vs. Temperature” curve
of the power MOSFET.
= Keep the switching nodes (UGATE, LGATE/OCSET,
BOOT, and PHASE) away from sensitive small signal
nodes since these nodes are fast moving signals.
Therefore, keep traces to these nodes as short as pos-
sible and there should be no other weak signal traces in
parallel with theses traces on any layer.
= The signals going through theses traces have both
high dv/dt and high di/dt with high peak charging and dis-
charging current. The traces from the gate drivers to the
MOSFETs (UGATE and LGATE/OCSET) should short and
wide.
= Place the source of the high-side MOSFET and the
drain of the low-side MOSFET as close as possible. Mini-
mizing the impedance with wide layout plane between
the two pads reduces the voltage bounce of the node. In
addition, the large layout plane between the drain of the
MOSFETs (V
IN and PHASE nodes) can get better heat
sinking.
In any high switching frequency converter, a correct lay-
out is important to ensure proper operation of the
regulator. With power devices switching at higher
frequency, the resulting current transient will cause volt-
age spike across the interconnecting impedance and
parasitic circuit elements. As an example, consider the
turn-off transition of the PWM MOSFET. Before turn-off
condition, the MOSFET is carrying the full load current.
= Decoupling capacitors, the resistor-divider, and boot
capacitor should be close to their pins. (For example, place
the decoupling ceramic capacitor close to the drain of the
high-side MOSFET as close as possible.)
the voltage excursion during load step change. Another
aspect of the capacitor selection is that the total AC cur-
rent going through the capacitors has to be less than the
rated RMS current specified on the capacitors in order to
prevent the capacitor from over-heating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com