Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7199 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7199
Description  High-Performance Step-Down PWM Controller with PFM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7199 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7199 Datasheet HTML 1Page - Anpec Electronics Coropration APW7199 Datasheet HTML 2Page - Anpec Electronics Coropration APW7199 Datasheet HTML 3Page - Anpec Electronics Coropration APW7199 Datasheet HTML 4Page - Anpec Electronics Coropration APW7199 Datasheet HTML 5Page - Anpec Electronics Coropration APW7199 Datasheet HTML 6Page - Anpec Electronics Coropration APW7199 Datasheet HTML 7Page - Anpec Electronics Coropration APW7199 Datasheet HTML 8Page - Anpec Electronics Coropration APW7199 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Oct., 2010
APW7199
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
Refer to the typical application circuits. These specifications apply over V
CC = 5V, and TA = -40 ~ 85°C, unless otherwise
specified. Typical values are at T
A = 25°C.
APW7199
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
GATE DRIVER
UGATE Source Resistance
VBOOT = 5V, VBOOT - VUGATE = 0.5V
-
1.5
3
Ω
UGATE Sink Resistance
VBOOT = 5V, VUGATE - VPHASE = 0.5V
-
1
2
Ω
LGATE Source Resistance
VCC = 5V, VCC - VLGATE = 0.5V
-
1.5
3
Ω
LGATE Sink Resistance
VCC = 5V, VLGATE - VGND = 0.5V
-
0.8
1.5
Ω
Dead Time
(Note 4)
20
25
40
ns
BOOTSTRAP DIODE
VF
Forward Voltage
VCC - VBOOT-GND, IF = 5mA
-
0.8
1
V
IR
Reverse Leakage
VBOOT-GND = 30V, VPHASE = 25V,
VCC = 5V
-
-
0.5
µA
VCC POWER-ON-RESET (POR) THRESHOLD
VVCC_THR
Rising VCC POR Threshold
Voltage
4.05
4.2
4.35
V
VCC POR Hysteresis
0.1
0.2
0.3
V
OSCILLATOR
FSW
Switching Frequency in PWM
Mode
DC Output Current, VCC = 4.5V ~
5.5V
270
300
330
kHz
Minimum Ultrasonic Operating
Frequency
VCC = 4.5V ~ 5.5V
20
25
-
kHz
CONTROL INPUTS
PWM Converter Shutdown
Threshold
VEN/EXTREF Falling
-
-
0.4
V
External Reference Voltage
Input Range
VREF = VEN/EXTREF
0.5
-
2.5
V
Internal Reference Enable
Threshold
VREF = 0.5V (typical), VEN/EXTREF
Rising
2.75
-
-
V
EN/EXTREF Leakage Current
VEN/EXTREF = 0V
-0.1
-
0.1
µA
Maximum Voltage Slew Rate of
VREF
External reference voltage used,
VREF = VEN/EXTREF
8
-
-
mV/
µs
POWER OK INDICATOR (POK)
VFB is from low to target value
(POK Goes High)
91
95
99
%
~3
µs noise filter, V
FB Falling
(POK Goes Low)
65
70
75
%
VPOK
POK Threshold
~3
µs noise filter, V
FB Rising
(POK Goes Low)
120
125
130
%
IPOK
POK Leakage Current
VPOK = 5V
-
0.1
1.0
µA
VPOK
POK Output Low Voltage
IPOK = -4mA
-
0.5
1
V
PROTECTIONS
IOCSET
IOCSET Source Current
IOCSET Sourcing
9
10
11
µA
VOCP_MAX
Built-in Maximum OCP Voltage
230
250
270
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com