Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7199 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7199
Description  High-Performance Step-Down PWM Controller with PFM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7199 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7199 Datasheet HTML 2Page - Anpec Electronics Coropration APW7199 Datasheet HTML 3Page - Anpec Electronics Coropration APW7199 Datasheet HTML 4Page - Anpec Electronics Coropration APW7199 Datasheet HTML 5Page - Anpec Electronics Coropration APW7199 Datasheet HTML 6Page - Anpec Electronics Coropration APW7199 Datasheet HTML 7Page - Anpec Electronics Coropration APW7199 Datasheet HTML 8Page - Anpec Electronics Coropration APW7199 Datasheet HTML 9Page - Anpec Electronics Coropration APW7199 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Oct., 2010
APW7199
www.anpec.com.tw
6
Typical Operating Characteristics
Converter Input Voltage, V
IN (V)
Converter Output Voltage vs.
Converter Input Voltage
V
CC=5V,
V
OUT=1.05V,
I
LOAD=0A
1.058
1.056
1.054
1.040
1.060
1.052
1.050
1.048
1.046
1.044
1.042
5
10
15
20
0
25
Converter Input Voltage, V
IN (V)
Switching Frequency vs.
Converter Input Voltage
I
OUT=4A
PWM MODE
5
7
9
11 13 15 17 19 21 23 25
3
270
330
320
310
300
290
280
Switching Frequency vs.
Converter Output Current
Converter Output Current, I
OUT (A)
V
IN=19V,
V
OUT=1.05V
0.01
0.10
1.00
10.00
100.00
0
350
300
250
200
150
100
50
Converter Output Current, I
OUT (A)
Efficiency vs. Load Current , V
OUT=1.05V
V
IN=8V
V
IN=19V
H-Side:APM4826 x1
L-Side:APM4828 x1
0
10
70
80
90
60
50
100
40
30
20
0.10
1.00
10.00
0.01
100.00
Reference Voltage Accuracy vs.
Junction Temperature
Junction Temperature, T
J (
oC)
-50 -30
10
50
90 110 130
70
30
-10
0.494
0.506
0.504
0.502
0.500
0.498
0.496
OCSET Sourcing Current vs.
Junction Temperature
Junction Temperature, T
J (
oC)
9.6
10.4
10.2
10
9.8
-50 -30
10
50
90 110 130
70
30
-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com