Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA3160 Datasheet(PDF) 21 Page - Anpec Electronics Coropration

Part # APA3160
Description  20W Stereo Digital Class-D Audio Power Amplifier with EQ and DRC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA3160 Datasheet(HTML) 21 Page - Anpec Electronics Coropration

Back Button APA3160 Datasheet HTML 17Page - Anpec Electronics Coropration APA3160 Datasheet HTML 18Page - Anpec Electronics Coropration APA3160 Datasheet HTML 19Page - Anpec Electronics Coropration APA3160 Datasheet HTML 20Page - Anpec Electronics Coropration APA3160 Datasheet HTML 21Page - Anpec Electronics Coropration APA3160 Datasheet HTML 22Page - Anpec Electronics Coropration APA3160 Datasheet HTML 23Page - Anpec Electronics Coropration APA3160 Datasheet HTML 24Page - Anpec Electronics Coropration APA3160 Datasheet HTML 25Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2013
www.anpec.com.tw
21
APA3160
Recommended Use Model (Cont.)
Function Description (Cont.)
APA3160
Parameter
Description
Min.
Typ.
Max.
Unit
tVDDH-DL
Time digital inputs must remain low after AVDD/DVDD goes above 3V
0
-
-
tDL-VDDH
Time digital inputs must be low before AVDD/DVDD goes below 3V
0
-
-
tVDDH-PVDDL Time PVDD/AVCC remains below 7.5V after AVDD/DVDD goes above 3V
100
-
-
tPVDDL-VDDH Time PVDD/AVCC must be below 7.5V before AVDD/DVDD goes below 3V
0
-
-
tPVDDH-I2C
Time PVDD/AVCC must be above 10V before I
2C commands may address device
10
-
-
tRL-PVDDH
Time PVDD/AVCC must remain above 10V after RST goes low
2
-
-
µs
tRH-I2C
Time RESET must be high before I
2C commands may address device
13.5
-
-
ms
tDV-RH
Time digital inputs must be valid (driven as recommended) before RST goes high
100
-
-
tRL-DV
Time digital inputs must remain valid (driven as recommended) after RST goes low
2
-
-
µs
tautodetect
Auto-detect completion wait time (given stable and valid clocks) before issuing
further commands
50
-
-
texitSD
Exit shutdown wait time before issuing further commands to device (t start given by
register 0x1A)
1+1.3 x
tstart
-
-
tenterSD
Enter shutdown wait time before issuing further commands to device (t stop given
by register 0x1A)
1+1.3 x
tstop
-
-
tPOR
Power-on-reset wait time after 1st trim following AVDD/DVDD power-up (tstart given
by register 0x1A) (does not apply to trim commands following subsequent resets)
240 +
1.3 x tstart
-
-
ms
Figure 22. Power Loss Sequence
3V
10V
7.5V
t
RL-PVCCH
t
PVCCL-VDDH
AVDD/DVDD
SD
MCLK
LRCLK
SCLK
SDIN
I2S
SCL
SDA
I2C
RST
PVDD/AVCC
t
PL-HL
t
DL-VDDH
Sudden Power Loss (BD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com