Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9726-EBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9726-EBZ
Description  16-Bit, 400 MSPS Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9726-EBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9726-EBZ Datasheet HTML 2Page - Analog Devices AD9726-EBZ Datasheet HTML 3Page - Analog Devices AD9726-EBZ Datasheet HTML 4Page - Analog Devices AD9726-EBZ Datasheet HTML 5Page - Analog Devices AD9726-EBZ Datasheet HTML 6Page - Analog Devices AD9726-EBZ Datasheet HTML 7Page - Analog Devices AD9726-EBZ Datasheet HTML 8Page - Analog Devices AD9726-EBZ Datasheet HTML 9Page - Analog Devices AD9726-EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD9726
Rev. B | Page 6 of 24
Parameter
Min
Typ
Max
Unit
SERIAL PORT INTERFACE
SCLK Frequency (fSCLK)
15
MHz
SCLK Rise/Fall Time
1
ms
SCLK Pulse Width High (tCPWH)
30
ns
SCLK Pulse Width Low (tCPWL)
30
ns
SCLK Setup Time (tCSU)
30
ns
SDIO Setup Time (tDSU)
30
ns
SDIO Hold Time (tDH)
0
ns
SDIO/SDO Valid Time (tDV)
30
ns
RESET PULSE WIDTH
1.5
ns
TIMING DIAGRAMS
DAC CLOCK
DATACLOCK OUTPUT
DATACLOCK INPUT
DATA BUS
tDCPD-DDR
tDSU-DDR
tDH-DDR
Figure 2. DDR Timing Diagram
DAC CLOCK
DATACLOCK OUTPUT
DATACLOCK INPUT
DATA BUS
tDCPD-SDR
tDSU-SDR
tDH-SDR
Figure 3. SDR Timing Diagram
DB0 TO DB15
CLK+/CLK–
IOUTA OR IOUTB
tPD-BYPASS
tDSU-BYPASS
tDH-BYPASS
Figure 4. Data Synchronization Bypass Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com