Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9726-EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9726-EBZ
Description  16-Bit, 400 MSPS Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9726-EBZ Datasheet(HTML) 1 Page - Analog Devices

  AD9726-EBZ Datasheet HTML 1Page - Analog Devices AD9726-EBZ Datasheet HTML 2Page - Analog Devices AD9726-EBZ Datasheet HTML 3Page - Analog Devices AD9726-EBZ Datasheet HTML 4Page - Analog Devices AD9726-EBZ Datasheet HTML 5Page - Analog Devices AD9726-EBZ Datasheet HTML 6Page - Analog Devices AD9726-EBZ Datasheet HTML 7Page - Analog Devices AD9726-EBZ Datasheet HTML 8Page - Analog Devices AD9726-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
16-Bit, 400 MSPS
Digital-to-Analog Converter
AD9726
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005-2010 Analog Devices, Inc. All rights reserved.
FEATURES
Dynamic performance
SFDR ≥ 78 dBc at fOUT = 20 MHz
IMD ≥ 82 dBc at fOUT = 70 MHz
ACLR ≥ 76 dBc at fOUT = 70 MHz
NSD ≤ −160 dB/Hz at fOUT = 70 MHz
Precision calibrated linearity
DNL ≤ ±0.5 LSB at +25°C
INL ≤ ±1.0 LSB at +25°C
THD ≤ −95 dB at fOUT = 1 MHz
LVDS inputs with internal 100 Ω terminations
Automatic data/clock timing synchronization
Single data rate or double data rate capable
Differential current outputs
Internal precision reference
Operates on 2.5 V and 3.3 V supplies
Extended industrial temperature range
Thermally enhanced, 80-lead, RoHS-compliant
TQFP_EP package
APPLICATIONS
Instrumentation
Test equipment
Waveform synthesis
Communications systems
FUNCTIONAL BLOCK DIAGRAM
INTERNAL
REFERENCE
CALIBRATION
MEMORY
LVDS OUTPUT
DRIVER
SPI
CSB
SDIO
SDO
RESET
IOUTA
IOUTB
REFIO
FSADJ
SCLK
CLK+
CLK–
DCLK_OUT+
DCLK_OUT–
DB[15]+
DB[15]–
DB[0]+
DB[0]–
DCLK_IN+
DCLK_IN–
CLOCK DISTRIBUTION
AND CONTROL
16-BIT
DAC
Figure 1.
.
GENERAL DESCRIPTION
The AD9726 is a 16-bit digital-to-analog converter (DAC)
that offers leading edge performance at conversion rates of up
to 400 MSPS. The device uses low voltage differential signaling
(LVDS) inputs and includes internal 100 Ω terminations. The
analog output can be single-ended or differential current. An
internal precision reference is included.
The AD9726 also features synchronization logic to monitor and
optimize the timing between incoming data and the sample clock.
This reduces system complexity and simplifies timing require-
ments. An LVDS clock output is also available to drive an external
data pump in either single data rate (SDR) or double data rate
(DDR) mode.
All device operation is fully programmable using the flexible
serial port interface (SPI). The AD9726 is also fully functional
in its default state for applications without a controller.
PRODUCT HIGHLIGHTS
1.
A unique combination of precision and performance
makes the AD9726 equally suited to applications with
demanding frequency domain or demanding time domain
requirements.
2.
Nonvolatile factory calibration assures a highly linear
transfer function. Internal logic offers on demand self-
calibration for linearity even at extended operating
temperatures.
3.
Proprietary architecture minimizes data dependent,
discrete mixing spurs and offers enhanced dynamic
performance over a wide range of output frequencies.
High input data rates create a very high frequency
synthesis bandwidth.
4.
The fully automatic, transparent synchronizer maintains
optimized timing between clock and data in real time and
offers programmable control options for added flexibility.
5.
Full-scale output current is external resistor programmable.


Similar Part No. - AD9726-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9726 AD-AD9726 Datasheet
613Kb / 24P
16-Bit, 600 MSPS D/A Converter
11/05-Rev. 0 to Rev. A
AD9726BSV AD-AD9726BSV Datasheet
613Kb / 24P
16-Bit, 600 MSPS D/A Converter
11/05-Rev. 0 to Rev. A
AD9726 AD-AD9726_15 Datasheet
411Kb / 24P
16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
More results

Similar Description - AD9726-EBZ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
14-Bit, 400-MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
14-Bit 400-MSPS Digital-to-Analog Converter
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
14-Bit, 400-MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9726 AD-AD9726_15 Datasheet
411Kb / 24P
16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
logo
Texas Instruments
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
14-Bit 400-MSPS Digital-to-Analog Converter
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com