Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9726-EBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9726-EBZ
Description  16-Bit, 400 MSPS Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9726-EBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9726-EBZ Datasheet HTML 16Page - Analog Devices AD9726-EBZ Datasheet HTML 17Page - Analog Devices AD9726-EBZ Datasheet HTML 18Page - Analog Devices AD9726-EBZ Datasheet HTML 19Page - Analog Devices AD9726-EBZ Datasheet HTML 20Page - Analog Devices AD9726-EBZ Datasheet HTML 21Page - Analog Devices AD9726-EBZ Datasheet HTML 22Page - Analog Devices AD9726-EBZ Datasheet HTML 23Page - Analog Devices AD9726-EBZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD9726
Rev. B | Page 22 of 24
and the SELFCAL bit is cleared. Following the cycle, the device
reports a self-calibrated state (CALMEM = 01b).
As with MEMXFER, successful assertion of the SELFCAL bit
(Bit 6 in Register 0x0F)requires that Bits[3:0] in Register 0x0F
be clear. If any of these bits are asserted (such that an
SMEM/FMEM read/write/clear state is enabled), the self-
calibration cycle does not begin.
The time required to self-calibrate is dependent on both the
DAC clock frequency and the value of CALCLK (Bits[5:0] in
Register 0x0E). Because self-calibration requires more time
than ordinary operation, the DAC clock is divided into a slower
version and used to step through the process. Time made
available to the self-calibration algorithm directly impacts its
ability to provide accurate results.
A maximum fixed division ratio (4096) corresponds to the
minimum default value of CALCLK (0). The division ratio can
be decreased by increasing the value of CALCLK. Each increase
in the value of CALCLK reduces the DAC clock division factor
(and, therefore, the time made available to self-calibration) by
50%. With CALCLK at its maximum value (7), the divide ratio
declines to its minimum value (32).
With CALCLK at its default value, self-calibration requires
approximately 100 ms at a DAC clock frequency of 100 MHz.
This time can be reduced to under 0.8 ms if CALCLK = 7. Time
scales relative to DAC clock frequency.
Performance Effects of Calibration
Harmonic distortion for low frequency outputs is primarily a
function of DAC linearity. Figure 12 to Figure 14 show the
harmonic distortion performance of the AD9726.
Figure 12 shows a 1 MHz full-scale output tone. The output
drives a unique low-pass and high-pass filter called a diplexer.
This type of filter presents a uniform 50 Ω load to the DAC and
splits the output signal into low and high frequency paths. The
diplexer's low-pass output passes the 1 MHz fundamental but
attenuates higher frequencies, and the diplexer's high-pass out-
put passes higher frequencies and attenuates the 1 MHz funda-
mental. Figure 12 also shows the diplexer's low-pass output.
Here the noise floor is higher than the harmonic distortion
because with a high power input signal, attenuation is required
by the spectrum analyzer.
Figure 13 shows the diplexer's high pass output where the
attenuated input signal can be seen. The spectrum analyzer
attenuation is also reduced, which lowers the noise floor.
Harmonic products at integer multiples of the fundamental
are thus revealed. This is the response using the AD9726 in
an uncalibrated state.
Figure 14 shows a response using the AD9726 in a calibrated
state. Harmonic distortion due to the nonlinearities of the
digital-to-analog conversion are virtually eliminated.
SYNC LOGIC OPERATION AND PROGRAMMING
Recall that a fixed setup and hold timing relationship between
the data clock input and the data bus must be established and
maintained. Recall also that the data bus and the DAC clock
must be frequency locked. Because of the sync logic, however,
the phase relationship between the data bus and the DAC clock
is internally optimized. Therefore, data arrival propagation
delays and concern about data transitions near the sampling
instant are eliminated.
Synchronization is automatically enabled upon reset. After data
arrives and synchronization is achieved, the sync logic contin-
uously monitors itself so that automatic adjustments are made if
phase drifts occur over time and/or temperature.
Note that the sync function and operation of the sync logic
block are transparent, automatic, and ongoing. No programming
is required. For applications where it is useful, however, the
following programmable control is provided.
SYNC Operating States
The sync logic can operate in one of three possible modes. The
default mode is fully automatic.
Fully automatic synchronization is accomplished by demulti-
plexing the incoming data stream into four channels, each
containing every fourth data-word. Data-words are present for
four DAC clock cycles. Data is remultiplexed by sampling each
channel with the optimum DAC clock cycle.
Initial synchronization is first established through a hardware
reset. This also fully enables the synchronization logic to mon-
itor and resynchronize, as necessary. The AD9726 resynchro-
nizes only if conditions change enough to alter the phase
between the data bus and the DAC clock by more than one full
clock cycle. In this event, an internal alarm occurs and is
followed by an automatic update. During resynchronization,
two data-words are typically lost or repeated.
In addition to fully automatic mode, two semi-automatic modes
are available.
Sync Manual Mode
In fully automatic mode, the AD9726 both detects when a
resynchronization is necessary and initiates an update. In
manual mode, automatic updating is disabled. Enable manual
mode by setting the SYNCMAN bit in SPI Register 0x02.
In manual mode, the sync logic still monitors incoming data
and the DAC clock, but it indicates the need for an update by
asserting the SYNCALRM bit (Bit 0 in Register 0x02). In this
mode, the user is expected to regularly poll the SYNCALRM
bit. When this bit is read back high, the user can issue a manual
sync update also by asserting the SYNCUPD bit (Bit 1) in SPI
Register 0x02.
SYNCALRM does not indicate that data is being lost but that
conditions are close to the point where data may be lost. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com