Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD707 Datasheet(PDF) 6 Page - Analog Devices

Part # AD707
Description  Ultralow Drift Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD707 Datasheet(HTML) 6 Page - Analog Devices

  AD707 Datasheet HTML 1Page - Analog Devices AD707 Datasheet HTML 2Page - Analog Devices AD707 Datasheet HTML 3Page - Analog Devices AD707 Datasheet HTML 4Page - Analog Devices AD707 Datasheet HTML 5Page - Analog Devices AD707 Datasheet HTML 6Page - Analog Devices AD707 Datasheet HTML 7Page - Analog Devices AD707 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD707
REV. B
–6–
OPERATION WITH A GAIN OF 100
Demonstrating the outstanding dc precision of the AD707 in
practical applications, Table I shows an error budget calculation
for the gain of –100 configuration shown in Figure 21.
Table I. Error Budget
Maximum Error Contribution
Av = 100 (C Grade)
Error Source
(Full Scale: VOUT = 10 V, VIN = 100 mV)
VOS
15
µV/100 mV
= 150 ppm
IOS
(100
Ω)(1 nA)/100 mV
=
1 ppm
Gain (2 k
Ω Load) (100 V/8 × 106)100 mV
= 13 ppm
Noise
0.35
µV/100 mV
=
4 ppm
VOS Drift
(0.1 V/
°C)/100 mV
=
1 ppm/
°C
= 168 ppm
+1 ppm/
°C
Total Unadjusted Error
@ +25
°C
= 168 ppm > 12 Bits
@ –55
°C to +125°C
= 268 ppm > 11 Bits
With Offset Calibrated Out
@ +25
°C
= 17 ppm > 15 Bits
@ –55
°C to +125°C
= 117 ppm > 13 Bits
6
2
3
+VS
AD707
0.1µF
–VS
4
99
Ω
VOUT
0.1µF
7
VIN
10k
Ω
100
Ω
Figure 21. Gain of –100 Configuration
Although the initial offset voltage of the AD707 is very low, it is
nonetheless the major contributor to system error. In cases
requiring additional accuracy, the circuit shown in Figure 19
can be used to null out the initial offset voltage. This method
will also cancel the effects of input offset current error. With the
offsets nulled, the AD707C will add less than 17 ppm of error.
This error budget assumes no error in the resistor ratio and no
errors from power supply variation (the 120 dB minimum PSRR
of the AD707C makes this a good assumption). The external
resistors can cause gain error from mismatch and drift over
temperature.
OFFSET NULLING
The input offset voltage of the AD707 is the lowest available in
a bipolar op amp, but if additional nulling is required, the
circuit shown in Figure 19 offers a null range of 200
µV. For
wider null capability, omit R1 and substitute a 20 k
Ω potenti-
ometer for R2.
6
2
3
8
R2
2k
Ω
1
R1
10k
Ω
0.1µF
+VS
7
AD707
0.1µF
–VS
4
OFFSET
ADJUST
Figure 19. External Offset Nulling and Power Supply
Bypassing
GAIN LINEARITY INTO A 1 k
Ω LOAD
The gain and gain linearity of the AD707 are the highest
available among monolithic bipolar amplifiers. Unlike other dc
precision amplifiers, the AD707 shows no degradation in gain or
gain linearity when driving loads in excess of 1 k
Ω over a ±10 V
output swing. This means high gain accuracy is assured over the
output range. Figure 20 shows the gain of the AD707, OP07, and
the OP77 amplifiers when driving a 1 k
Ω load.
The AD707 will drive 10 mA of output current with no signifi-
cant effect on its gain or linearity.
OUTPUT VOLTAGE – V
–15
15
–10
–5
0
5
10
AD707
OP07
OP77
@ +25
°C
RLOAD = 1kΩ
Figure 20. Gain Linearity of the AD707 vs.
Other DC Precision Op Amps



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com