Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD707 Datasheet(PDF) 8 Page - Analog Devices

Part # AD707
Description  Ultralow Drift Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD707 Datasheet(HTML) 8 Page - Analog Devices

  AD707 Datasheet HTML 1Page - Analog Devices AD707 Datasheet HTML 2Page - Analog Devices AD707 Datasheet HTML 3Page - Analog Devices AD707 Datasheet HTML 4Page - Analog Devices AD707 Datasheet HTML 5Page - Analog Devices AD707 Datasheet HTML 6Page - Analog Devices AD707 Datasheet HTML 7Page - Analog Devices AD707 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD707
REV. B
–8–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Pin Metal Can
(H-08A)
45
°
BSC
0.100
(2.54)
BSC
0.034 (0.86)
0.027 (0.69)
0.045 (1.14)
0.027 (0.69)
0.160 (4.06)
0.110 (2.79)
0.100
(2.54)
BSC
0.200
(5.08)
BSC
6
8
5
7
1
4
2
3
REFERENCE PLANE
BASE & SEATING PLANE
0.335 (8.51)
0.305 (7.75)
0.370 (9.40)
0.335 (8.51)
0.750 (19.05)
0.500 (12.70)
0.045 (1.14)
0.010 (0.25)
0.050
(1.27)
MAX
0.040 (1.02) MAX
0.019 (0.48)
0.016 (0.41)
0.021 (0.53)
0.016 (0.41)
0.185 (4.70)
0.165 (4.19)
0.250 (6.35)
MIN
8-Pin Cerdip
(Q-8)
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
15
°
0
°
0.005 (0.13) MIN
0.055 (1.4) MAX
1
PIN 1
4
5
8
0.310 (7.87)
0.220 (5.59)
0.405 (10.29) MAX
0.200
(5.08)
MAX
SEATING
PLANE
0.023 (0.58)
0.014 (0.36)
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
MIN
0.200 (5.08)
0.125 (3.18)
0.100
(2.54)
BSC
8-Pin Plastic DIP
(N-8)
8
14
5
0.430 (10.92)
0.348 (8.84)
0.280 (7.11)
0.240 (6.10)
PIN 1
SEATING
PLANE
0.022 (0.558)
0.014 (0.356)
0.060 (1.52)
0.015 (0.38)
0.210 (5.33)
MAX
0.130
(3.30)
MIN
0.070 (1.77)
0.045 (1.15)
0.100
(2.54)
BSC
0.160 (4.06)
0.115 (2.93)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
8-Lead SOIC
(SO-8)
0.1968 (5.00)
0.1890 (4.80)
8
5
4
1
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
°
0
°
0.0196 (0.50)
0.0099 (0.25)
x 45
°
PRECISION CURRENT TRANSMITTER
The AD707’s excellent dc performance, especially the low offset
voltage, low offset voltage drift and high CMRR, makes it
possible to make a high precision voltage-controlled current
transmitter using a variation of the Howland Current Source
circuit (Figure 26). This circuit provides a bidirectional load
current which is derived from a differential input voltage.
6
2
3
+VS
AD707
0.1µF
–VS
4
0.1µF
7
R4
100k
Ω
R3
100k
Ω
R2
100k
Ω
R1
100k
Ω
RL
IL
RSCALE
VIN
VIN
RSCALE
tL = –––––––
–––
( )
R2
R1
Figure 26. Precision Current Source/Sink
The performance and accuracy of this circuit will depend almost
entirely on the tolerance and selection of the resistors. The scale
resistor (RSCALE) and the four feedback resistors directly affect
the accuracy of the load current and should be chosen carefully
or trimmed.
As an example of the accuracy achievable, assume IL must be
10 mA, and the available VIN is only 10 mV.
RSCALE = 10 mV/10 mA = 1
Ω
IERROR due to the AD707C:
Maximum IERROR = 2(VOS)/RSCALE + 2(VOS Drift)/RSCALE +
IOS (100 k/RSCALE)
= 2 (15
µV)/l Ω +2 (0.1 µV/°C)/l Ω
+ 1 nA (100 k)/l
Ω (1.5 nA @ 125°C)
= 30
µA + 0.2 µA/°C + 100 µA
(150
µA @ 125°C)
= 130
µA/10 mA = 1.3% @ 25°C
= 180
µA/10 mA = 1.8% @ 125°C
Low drift, high accuracy resistors are required to achieve high
precision.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com