Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD707 Datasheet(PDF) 1 Page - Analog Devices

Part # AD707
Description  Ultralow Drift Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD707 Datasheet(HTML) 1 Page - Analog Devices

  AD707 Datasheet HTML 1Page - Analog Devices AD707 Datasheet HTML 2Page - Analog Devices AD707 Datasheet HTML 3Page - Analog Devices AD707 Datasheet HTML 4Page - Analog Devices AD707 Datasheet HTML 5Page - Analog Devices AD707 Datasheet HTML 6Page - Analog Devices AD707 Datasheet HTML 7Page - Analog Devices AD707 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CONNECTION DIAGRAMS
TO-99 (H) Package
AD707
7
6
2
8
1
3
4
5
NULL
NULL
–IN
+IN
–VS
+VS
OUTPUT
NC
NC = NO CONNECT
NOTE: PIN 4 CONNECTED
TO CASE
Plastic (N) and
Cerdip (Q) Packages
SOIC (R) Package
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Ultralow Drift Op Amp
AD707
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Very High DC Precision
15
V max Offset Voltage
0.1
V/ C max Offset Voltage Drift
0.35
V p-p max Voltage Noise (0.1 Hz to 10 Hz}
8 V/ V min Open-Loop Gain
130 dB min CMRR
120 dB min PSRR
1 nA max Input Bias Current
AC Performance
0.3 V/ s Slew Rate
0.9 MHz Closed-Loop Bandwidth
Dual Version: AD708
Available in Tape and Reel in Accordance with
EIA-481A Standard
APPLICATION HIGHLIGHTS
1. The AD707’s 13 V/
µV typical open-loop gain and 140 dB
typical common-mode rejection ratio make it ideal for
precision instrumentation applications.
2. The precision of the AD707 makes tighter error budgets
possible at a lower cost.
3. The low offset voltage drift and low noise of the AD707 allow
the designer to amplify very small signals without sacrificing
overall system performance.
4. The AD707 can be used where chopper amplifiers are
required, but without the inherent noise and application
problems.
5. The AD707 is an improved pin-for-pin replacement for the
LT1001.
PRODUCT DESCRIPTION
The AD707 is a low cost, high precision op amp with state-of-
the-art performance that makes it ideal for a wide range of
precision applications. The offset voltage spec of less than 15
µV
is the best available in a bipolar op amp, and maximum input
offset current is 1.0 nA. The top grade is the first bipolar
monolithic op amp to offer a maximum offset voltage drift of
0.1
µV/°C, and offset current drift and input bias current drift
are both specified at 25 pA/
°C maximum.
The AD707’s open-loop gain is 8 V/
µV minimum over the full
±10 V output range when driving a 1 kΩ load. Maximum input
voltage noise is 350 nV p-p (0.1 Hz to 10 Hz). CMRR and
PSRR are 130 dB and 120 dB minimum, respectively.
The AD707 is available in versions specified over commercial,
industrial and military temperature ranges. It is offered in 8-pin
plastic mini-DIP, small outline (SOIC), hermetic cerdip and
hermetic TO-99 metal can packages. Chips, MIL-STD-883B,
Rev. C, and tape & reel parts are also available.
1
2
3
4
8
7
6
5
AD707
NC = NO CONNECT
NULL
NC
OUTPUT
+VS
NULL
–IN
+IN
–VS
AD707
1
4
8
5
NC = NO CONNECT
NULL
NC
OUTPUT
+VS
NULL
–IN
+IN
–VS


Similar Part No. - AD707

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD707 AD-AD707 Datasheet
326Kb / 8P
Ultralow Drift Op Amp
REV.B
AD707AH AD-AD707AH Datasheet
326Kb / 8P
Ultralow Drift Op Amp
REV.B
AD707AQ AD-AD707AQ Datasheet
326Kb / 8P
Ultralow Drift Op Amp
REV.B
AD707AR AD-AD707AR Datasheet
326Kb / 8P
Ultralow Drift Op Amp
REV.B
AD707AR-REEL AD-AD707AR-REEL Datasheet
326Kb / 8P
Ultralow Drift Op Amp
REV.B
More results

Similar Description - AD707

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD647 AD-AD647 Datasheet
378Kb / 6P
Ultralow Drift, Dual BiFET Op Amp
AD707 AD-AD707 Datasheet
326Kb / 8P
Ultralow Drift Op Amp
REV.B
AD797 AD-AD797 Datasheet
406Kb / 16P
Ultralow Distortion, Ultralow Noise Op Amp
REV.C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
ADA4528-1 AD-ADA4528-1 Datasheet
737Kb / 20P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. 0
ADA4528-2ARMZ AD-ADA4528-2ARMZ Datasheet
972Kb / 29P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
AD647 AD-AD647_15 Datasheet
385Kb / 6P
Ultralow Drift, Dual BiFET Op Amp
REV. A
AD707 AD-AD707_15 Datasheet
329Kb / 8P
Ultralow Drift Op Amp
REV. B
ADA4528-1 AD-ADA4528-1_17 Datasheet
712Kb / 28P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com