Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5520IPAPR Datasheet(PDF) 18 Page - Texas Instruments

Part # ADS5520IPAPR
Description  12-Bit, 125 MSPS Analog-To-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5520IPAPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS5520IPAPR Datasheet HTML 14Page - Texas Instruments ADS5520IPAPR Datasheet HTML 15Page - Texas Instruments ADS5520IPAPR Datasheet HTML 16Page - Texas Instruments ADS5520IPAPR Datasheet HTML 17Page - Texas Instruments ADS5520IPAPR Datasheet HTML 18Page - Texas Instruments ADS5520IPAPR Datasheet HTML 19Page - Texas Instruments ADS5520IPAPR Datasheet HTML 20Page - Texas Instruments ADS5520IPAPR Datasheet HTML 21Page - Texas Instruments ADS5520IPAPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
DVDD − DigitalSupplyVoltage − V
74
73
72
71
70
69
3.00
3.15
3.30
3.60
3.45
76
75
77
SFDR
SNR
fIN =150MHz
DVDD − DigitalSupplyVoltage − V
78
76
74
72
70
68
3.00
3.15
3.30
3.60
3.45
82
80
84
SFDR
SNR
fIN =70MHz
SampleRate − MSPS
0.75
0.7
0.65
0.6
0.55
0.5
10
20
30
120
40
0.8
60
fIN =150.1MHz
50
70
80
90
100
110
DLL OFF
DLL ON
SampleRate − MSPS
0.75
0.7
0.65
0.6
0.55
0.5
10
20
30
120
40
0.8
60
fIN =70.1MHz
50
70
80
90
100
110
DLL OFF
DLL ON
Temperature − C
85
80
75
70
65
60
−40
−15
10
85
35
90
SFDR
SNR
60
fIN =70.1MHz
Input Amplitude − dBFS
70
50
30
10
−10
−30
−100
−90
−60
0
−40
90
−20
−80
−70
−50
−30
−10
SNR (dBc)
SNR(dBFS)
SFDR(dBc)
fIN =70.1MHz
ADS5520
SBAS310F – MAY 2004 – REVISED OCTOBER 2008....................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
Typical values given at TA = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = -1dBFS, sampling rate = 125 MSPS,
DLL On, and 3-V differential clock, unless otherwise noted
AC PERFORMANCE
AC PERFORMANCE
vs DIGITAL SUPPLY VOLTAGE
vs DIGITAL SUPPLY VOLTAGE
Figure 23.
Figure 24.
POWER DISSIPATION
POWER DISSIPATION
vs SAMPLE RATE
vs SAMPLE RATE
Figure 25.
Figure 26.
AC PERFORMANCE
AC PERFORMANCE
vs TEMPERATURE
vs INPUT AMPLITUDE
Figure 27.
Figure 28.
18
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com