Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCBTLV3257MPWREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CCBTLV3257MPWREP
Description  LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CCBTLV3257MPWREP Datasheet(HTML) 2 Page - Texas Instruments

  CCBTLV3257MPWREP Datasheet HTML 1Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 2Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 3Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 4Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 5Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 6Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 7Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 8Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LOGIC DIAGRAM (POSITIVE LOGIC)
1B1
1A
OE
1B2
SW
SW
2B1
2A
2B2
SW
SW
3B1
3A
3B2
SW
SW
4B1
4A
4B2
SW
SW
S
4
7
9
12
1
15
2
3
5
6
11
10
14
13
SN74CBTLV3257-EP
SCDS271 – MAY 2008 ....................................................................................................................................................................................................... www.ti.com
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55
°C to 125°C
TSSOP – PW
Tape and reel
CCBTLV3257MPWREP
C3257EP
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
FUNCTION TABLE
INPUTS
FUNCTION
OE
S
L
L
A port = B1 port
L
H
A port = B2 port
H
X
Disconnect
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN74CBTLV3257-EP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com