Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCBTLV3257MPWREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CCBTLV3257MPWREP
Description  LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CCBTLV3257MPWREP Datasheet(HTML) 1 Page - Texas Instruments

  CCBTLV3257MPWREP Datasheet HTML 1Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 2Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 3Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 4Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 5Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 6Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 7Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 8Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
FEATURES
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S
1B1
1B2
1A
2B1
2B2
2A
GND
VCC
OE
4B1
4B2
4A
3B1
3B2
3A
PW PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
SN74CBTLV3257-EP
www.ti.com ....................................................................................................................................................................................................... SCDS271 – MAY 2008
LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
• 5-Ω Switch Connection Between Two Ports
• Controlled Baseline
• Rail-to-Rail Switching on Data I/O Ports
–
One Assembly Site
• I
off Supports Partial-Power-Down Mode
Operation
–
One Test Site
• Latch-Up Performance Exceeds 100 mA Per
–
One Fabrication Site
JESD 78, Class II
• Extended Temperature Performance of
• ESD Protection Exceeds JESD 22
–55
°C to 125°C
–
2000-V Human-Body Model (A114-A)
• Enhanced Diminishing Manufacturing Sources
(DMS) Support
–
200-V Machine Model (A115-A)
• Enhanced Product-Change Notification
• Qualification Pedigree (1)
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
The SN74CBTLV3257 is a 4-bit 1-of-2 high-speed FET multiplexer/demultiplexer. The low on-state resistance of
the switch allows connections to be made with minimal propagation delay.
The select (S) input controls the data flow. The FET multiplexers/demultiplexers are disabled when the
output-enable (OE) input is high.
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that damaging
current does not backflow through the device when it is powered down. The device has isolation during power
off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - CCBTLV3257MPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CCBTLV3257MPWREP TI1-CCBTLV3257MPWREP Datasheet
495Kb / 10P
LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - CCBTLV3257MPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3257 TI-SN74CBTLV3257 Datasheet
94Kb / 6P
LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CBTLV3257 TI-SN74CBTLV3257_09 Datasheet
696Kb / 18P
LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257 TI-SN74CBTLV3257_10 Datasheet
793Kb / 20P
LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257RSVR TI1-SN74CBTLV3257RSVR Datasheet
1Mb / 23P
Low-Voltage 4-Bit 1-of-2 FET Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257-EP TI1-SN74CBTLV3257-EP_16 Datasheet
495Kb / 10P
LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com