Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCBTLV3257MPWREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CCBTLV3257MPWREP
Description  LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CCBTLV3257MPWREP Datasheet(HTML) 4 Page - Texas Instruments

  CCBTLV3257MPWREP Datasheet HTML 1Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 2Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 3Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 4Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 5Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 6Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 7Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 8Page - Texas Instruments CCBTLV3257MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Switching Characteristics
SN74CBTLV3257-EP
SCDS271 – MAY 2008 ....................................................................................................................................................................................................... www.ti.com
Electrical Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Other inputs at VCC or
ΔICC
(2)
Control inputs
VCC = 3.6 V,
One input at 3 V,
300
µA
GND
Ci
Control inputs
VI = 3 V or 0
3
pF
A port
10.5
Cio(OFF)
VO = 3 V or 0,
OE = VCC
pF
B port
5.5
II = 64 mA
5
8
VI = 0
VCC = 2.3 V,
II = 24 mA
5
8
TYP at VCC = 2.5 V
VI = 1.7 V,
II = 15 mA
27
40
ron
(3)
Ω
II = 64 mA
5
7
VI = 0
VCC = 3 V
II = 24 mA
5
7
VI = 2.4 V,
II = 15 mA
10
15
(2)
This is the increase in supply current for each input that is at the specified voltage level, rather than VCC or GND.
(3)
Measured by the voltage drop between the A and the B terminals at the indicated current through the switch. On-state resistance is
determined by the lower of the voltages of the two (A or B) terminals.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 2.5 V
VCC = 3.3 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
A or B(1)
B or A
0.15
0.25
ns
tpd
S
A or B
1.8
8.1
1.8
7.3
ten
S
A or B
1.7
7.5
1.7
6.5
ns
tdis
S
A or B
1
6.3
1
6.0
ns
ten
OE
A or B
1.9
7.1
2
6.2
ns
tdis
OE
A or B
1
7.0
1.6
6.5
ns
(1)
The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN74CBTLV3257-EP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com