Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS20ADE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ALS20ADE4
Description  DUAL 4-INPUT POSITIVE-NAND GATES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS20ADE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALS20ADE4 Datasheet HTML 1Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 2Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 3Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 4Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 5Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 6Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 7Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 8Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SN54ALS20A, SN54AS20, SN74ALS20A, SN74AS20
DUAL 4INPUT POSITIVENAND GATES
SDAS192B − APRIL 1982 − REVISED DECEMBER 1994
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54ALS20A
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS20A
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN54ALS20A
SN74ALS20A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8‡
0.8
V
VIL
Low-level input voltage
0.7§
V
IOH
High-level output current
− 0.4
− 0.4
mA
IOL
Low-level output current
4
8
mA
TA
Operating free-air temperature
−55
125
0
70
°C
‡ Applies over temperature range − 55°C to 70°C
§ Applies over temperature range 70°C to 125°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS20A
SN74ALS20A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP¶
MAX
MIN
TYP¶
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.5
−1.5
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = − 0.4 mA
VCC −2
VCC −2
V
VOL
VCC = 4.5 V
IOL = 4 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 8 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
− 0.1
− 0.1
mA
IO#
VCC = 5.5 V,
VO = 2.25 V
−20
−112
−30
−112
mA
ICCH
VCC = 5.5 V,
VI = 0
0.22
0.4
0.22
0.4
mA
ICCL
VCC = 5.5 V,
VI = 4.5 V
0.81
1.5
0.81
1.5
mA
¶ All typical values are at VCC = 5 V, TA = 25°C.
# The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com