Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS20ADE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ALS20ADE4
Description  DUAL 4-INPUT POSITIVE-NAND GATES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS20ADE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS20ADE4 Datasheet HTML 1Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 2Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 3Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 4Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 5Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 6Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 7Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 8Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54ALS20A, SN54AS20, SN74ALS20A, SN74AS20
DUAL 4INPUT POSITIVENAND GATES
SDAS192B − APRIL 1982 − REVISED DECEMBER 1994
Copyright
1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
• Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These devices contain two independent 4-input
positive-NAND gates. They perform the Boolean
functions Y = A
• B • C • D or Y = A + B + C + D
in positive logic.
The
SN54ALS20A
and
SN54AS20
are
characterized for operation over the full military
temperature range of − 55
°C to 125°C. The
SN74ALS20A and SN74AS20 are characterized
for operation from 0
°C to 70°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
D
OUTPUT
Y
H
H
H
H
L
L
XX
X
H
X
LX
X
H
X
XL
X
H
X
X
X
L
H
logic symbol†
logic diagram (positive logic)
&
1Y
6
2Y
8
1
1A
2
1B
4
1C
5
1D
9
2A
10
2B
12
2C
13
2D
1Y
1D
1A
1B
1C
2C
2B
2A
2D
2Y
1
2
4
5
9
10
12
13
6
8
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
SN54ALS20A, SN54AS20 ...J PACKAGE
SN74ALS20A, SN74AS20 ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
NC
1C
1D
1Y
GND
VCC
2D
2C
NC
2B
2A
2Y
SN54ALS20A, SN54AS20 . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
2C
NC
NC
NC
2B
NC
NC
1C
NC
1D
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74ALS20ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS20AD TI-SN74ALS20AD Datasheet
95Kb / 6P
DUAL 4-INPUT POSITIVE-NAND GATES
SN74ALS20AD TI-SN74ALS20AD Datasheet
114Kb / 8P
DUAL 4-INPUT POSITIVE-NAND GATES
SN74ALS20ADBR TI-SN74ALS20ADBR Datasheet
114Kb / 8P
DUAL 4-INPUT POSITIVE-NAND GATES
SN74ALS20ADR TI-SN74ALS20ADR Datasheet
114Kb / 8P
DUAL 4-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74ALS20ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5420 TI-SN5420 Datasheet
247Kb / 7P
DUAL 4-INPUT POSITIVE-NAND GATES
SN54ALS20A TI-SN54ALS20A Datasheet
95Kb / 6P
DUAL 4-INPUT POSITIVE-NAND GATES
SN54F20 TI-SN54F20 Datasheet
68Kb / 5P
DUAL 4-INPUT POSITIVE-NAND GATES
SN5420 TI-SN5420_07 Datasheet
910Kb / 25P
DUAL 4-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LS20 RENESAS-HD74LS20 Datasheet
66Kb / 6P
Dual 4-input Positive NAND Gates
logo
Texas Instruments
74ACT11020 TI1-74ACT11020 Datasheet
79Kb / 5P
DUAL 4-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LV20A RENESAS-HD74LV20A_15 Datasheet
94Kb / 11P
Dual 4-input Positive NAND Gates
logo
Texas Instruments
CD54ACT20 TI1-CD54ACT20 Datasheet
871Kb / 13P
DUAL 4-INPUT POSITIVE-NAND GATES
SN54HC20 TI1-SN54HC20_15 Datasheet
1Mb / 20P
DUAL 4-INPUT POSITIVE-NAND GATES
SN5420 TI1-SN5420_15 Datasheet
951Kb / 20P
DUAL 4-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com