Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS20ADE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74ALS20ADE4
Description  DUAL 4-INPUT POSITIVE-NAND GATES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS20ADE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74ALS20ADE4 Datasheet HTML 1Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 2Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 3Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 4Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 5Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 6Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 7Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 8Page - Texas Instruments SN74ALS20ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SN54ALS20A, SN54AS20, SN74ALS20A, SN74AS20
DUAL 4INPUT POSITIVENAND GATES
SDAS192B − APRIL 1982 − REVISED DECEMBER 1994
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
SN54AS20
SN74AS20
MIN
MAX
MIN
MAX
tPLH
A, B, C, or D
Y
1
5.5
1
5
ns
tPHL
A, B, C, or D
Y
1
5
1
4.5
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com