Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6504 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC6504
Description  0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6504 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC6504 Datasheet HTML 15Page - Torex Semiconductor XC6504 Datasheet HTML 16Page - Torex Semiconductor XC6504 Datasheet HTML 17Page - Torex Semiconductor XC6504 Datasheet HTML 18Page - Torex Semiconductor XC6504 Datasheet HTML 19Page - Torex Semiconductor XC6504 Datasheet HTML 20Page - Torex Semiconductor XC6504 Datasheet HTML 21Page - Torex Semiconductor XC6504 Datasheet HTML 22Page - Torex Semiconductor XC6504 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19/32
XC6504
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Unless otherwise stated, Ta=25℃, VCE=VIN, IOUT=1mA, CIN=CL=open, VIN is below.
VOUT(T)<2.5V : VIN=3.5V
VOUT(T)≧2.5V : VIN=VOUT(T)+1.0V
(10) Load Transient Response
(11) CE Rising Response Time
XC6504x421xR
1
2
3
4
5
6
Time (200μs/div)
0
30
60
90
120
150
IOUT=10mA⇔30mA , tr=tf=5μs
Output Voltage
Output Current
XC6504x421xR
1
2
3
4
5
6
Time (200μs/div)
0
10
20
30
40
50
IOUT=1mA⇔10mA , tr=tf=5μs
Output Voltage
Output Current
XC6504x421xR
1
2
3
4
5
6
Time (200μs/div)
0
10
20
30
40
50
IOUT=1μA⇔10mA , tr=tf=5μs
Output Voltage
Output Current
XC6504x421xR
1
2
3
4
5
6
Time (200μs/div)
0
10
20
30
40
50
without CL
CL=0.1μF
CL=1.0μF
IOUT=1mA⇔10mA , tr=tf=5μs
Output Voltage
Output Current
XC6504x121xR
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
Time (100μs/div)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IOUT=1μA
IOUT=1mA
IOUT=10mA
IOUT=100mA
VCE=0V→VIN , tr=5μs
CE Input Voltage
Output Voltage
XC6504x181xR
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
Time (100μs/div)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IOUT=1μA
IOUT=1mA
IOUT=10mA
IOUT=100mA
VCE=0V→VIN , tr=5μs
CE Input Voltage
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com