Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6504 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6504
Description  0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6504 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6504 Datasheet HTML 1Page - Torex Semiconductor XC6504 Datasheet HTML 2Page - Torex Semiconductor XC6504 Datasheet HTML 3Page - Torex Semiconductor XC6504 Datasheet HTML 4Page - Torex Semiconductor XC6504 Datasheet HTML 5Page - Torex Semiconductor XC6504 Datasheet HTML 6Page - Torex Semiconductor XC6504 Datasheet HTML 7Page - Torex Semiconductor XC6504 Datasheet HTML 8Page - Torex Semiconductor XC6504 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5/32
XC6504
Series
■
ELECTRICAL CHARACTERISTICS
Ta=25℃
NOTE:
Unless otherwise stated, VCE=VIN, IOUT=1mA, CIN=CL=open, VIN is below:
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Input Voltage
VIN
IOUT=1μA
1.4
-
6.0
V
①
-0.02
+0.02
VOUT(T)<2.0V
VOUT(E)
(*1)
VOUT(T)
(*2)
V
①
Output Voltage
VOUT(T)≧2.0V
×
1.01
×
0.99
Maximum Output Current
IOUTMAX
150
-
-
mA
①
1μA≦IOUT≦1mA
-
3
16
VOUT(T)<2.5V : VIN=3.5V
VOUT(T)≧2.5V : VIN=VOUT(T)+1.0V
(*1) VOUT(E) is Effective output voltage
(*2) VOUT(T) is Nominal output voltage
(*3) Vdif={VIN1-VOUT1}
VIN1 is the input voltage when VOUT1 appears at the VOUT pin while input voltage is gradually decreased.
VOUT1 is the voltage equal to 98% of the normal output voltage when amply stabilized VOUT(T) +1.0V is input at the VIN pin.
(*4) E-1 / E-2: DROPOUT VOLTAGE (Refer to the Voltage Chart)
Load Regulation
ΔVOUT
1mA≦IOUT≦150mA
-
17
50
mV
①
Vdif1
(*3)
IOUT=50mA
-
E-1
(*4)
Dropout Voltage
Vdif2
(*3)
IOUT=150mA
-
E-2
(*4)
V
①
VOUT(T)<1.9V
-
0.60
1.27
1.9V≦VOUT(T)<4.0V
-
0.65
1.50
Supply Current
μ
A
②
ISS
IOUT=0mA
VOUT(T)≧4.0V
-
0.80
1.80
Stand-by Current
ISTB
B
VIN=6.0V, VCE=VSS
-
0.01
0.10
μ
A
②
IOUT=1μA
VOUT(T)+0.5V≦VIN≦6.0V
-
0.01
0.13
VOUT(T)<1.2V,
1.7V≦VIN≦6.0V
Line Regulation
ΔVOUT/
(ΔVIN・VOUT)
IOUT=1mA
VOUT(T)≧1.2V,
VOUT(T)+0.5V≦VIN≦6.0V
-
0.01
0.19
%/V
①
Output Voltage
Temperature
Characteristics
ΔVOUT/
(ΔTopr ・VOUT)
IOUT=10mA,
-40℃≦Topr≦85℃
-
±
50
-
ppm/℃
①
Current Limit
ILIM
VOUT=VOUT(E)×0.95
150
270
-
mA
①
Short-Circuit Current
ISHORT
VOUT=VSS
-
80
-
mA
①
CL Auto-Discharge
Resistance
RDCHG
VCE=VSS, VOUT=VOUT(T)
280
450
640
Ω
①
CE "H" Level Voltage
VCEH
0.91
-
6.00
V
③
CE "L" Level Voltage
VCEL
VSS
-
0.38
V
③
CE "H" Level Current
ICEH
VIN= 6.0V
-0.1
-
0.1
μ
A
③
CE "L" Level Current
ICEL
VIN=6.0V, VCE=VSS
-0.1
-
0.1
μ
A
③



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com