Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6504 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6504
Description  0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6504 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6504 Datasheet HTML 1Page - Torex Semiconductor XC6504 Datasheet HTML 2Page - Torex Semiconductor XC6504 Datasheet HTML 3Page - Torex Semiconductor XC6504 Datasheet HTML 4Page - Torex Semiconductor XC6504 Datasheet HTML 5Page - Torex Semiconductor XC6504 Datasheet HTML 6Page - Torex Semiconductor XC6504 Datasheet HTML 7Page - Torex Semiconductor XC6504 Datasheet HTML 8Page - Torex Semiconductor XC6504 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4/32
XC6504 Series
■
ABSOLUTE MAXIMUM RATINGS
Ta=25℃
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
-0.3~+6.5
V
470
(*1)
Output Current
IOUT
mA
-0.3~VIN+0.3 or +6.5
(*2)
Output Voltage
VOUT
V
V
CE Input Voltage
VCE
-0.3~+6.5
100
USPQ-4B04
550 (PCB mounted)
(*3)
100
USPN-4B02
550 (PCB mounted)
(*3)
All voltages are described based on the VSS.
(*1) Please use within the range of IOUT≦Pd / (VIN-VOUT)
(*2) The maximum rating corresponds to the lowest value between VIN+0.3 or +6.5.
(*3) This is a reference data taken by using the test board. Please refer to page 25~28 for details.
150
Power Dissipation
Pd
mW
SSOT-24
500 (PCB mounted)
(*3)
250
SOT-25
600 (PCB mounted)
(*3)
Operating Ambient Temperature
Topr
-40~+85
℃
Storage Temperature
Tstg
-55~+125
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com