Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2557KB Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A2557KB
Description  PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A2557KB Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A2557KB Datasheet HTML 2Page - Allegro MicroSystems A2557KB Datasheet HTML 3Page - Allegro MicroSystems A2557KB Datasheet HTML 4Page - Allegro MicroSystems A2557KB Datasheet HTML 5Page - Allegro MicroSystems A2557KB Datasheet HTML 6Page - Allegro MicroSystems A2557KB Datasheet HTML 7Page - Allegro MicroSystems A2557KB Datasheet HTML 8Page - Allegro MicroSystems A2557KB Datasheet HTML 9Page - Allegro MicroSystems A2557KB Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2557
PROTECTED QUAD DRIVER
WITH FAULT DETECTION
& SLEEP MODE
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
6
CIRCUIT DESCRIPTION AND APPLICATION (continued)
Fault diagnostics
A pull-up resistor or current source is required on the
FAULT output. This can be connected to whatever supply level
the following circuitry requires (within the specification
constraints). For a 5 V supply (i.e., Vcc) 150 k
Ω or greater
should be used. As the fault diagnostic function is to indicate
when the output state is different from the input state for any
channel, the FAULT output waveform will obviously produce a
pulse waveform following the combined duty-cycle of all
channels showing a fault condition. There are therefore two
basic approaches to using the function in an application:
•
As an interrupt in a controller-based system. If the system
has a microcontroller then a FAULT low causes an interrupt,
which then initiates a diagnostic sequence to find the culprit
channel. This sequence usually consists of cycling through
each channel one at a time, while monitoring the FAULT
output. It is then easy to determine which channel has the
faulty output and how it is failing (i.e., short to supply, open-
circuit or short to ground). The system may then take whatever
action is required, but could continue with operation of the
remaining ‘good’ channels while disabling signals to the faulty
channel.
•
As a simple ‘common’ fault indication. If there is no
controller in the system then the FAULT output can be set to
give an indication (via a lamp or LED, etc.) of a fault condition
which might be anywhere on the four channels. Because the
FAULT output is dependent on the states of the input and
output (four possibilities) but will only indicate on two of them,
the duty cycle at the FAULT output will reflect the duty cycle at
the faulty channel’s input (or its inverse, depending upon fault
type).
In typical applications (50% duty cycles) a simple solution
is to make the pull-up current on the FAULT output much less
than the pull-down current (60
µA), and add a capacitor to give
a time constant longer than the period of operation. For typical
values, the device will produce a continuous dc output level.
Component values will need to be adjusted to cope with
different conditions.
Inductive load driver
Bifilar (unipolar) stepper motors (and other inductive
loads) can be driven directly. The internal diodes prevent
damage to the output transistors by suppressing the high-voltage
spikes that occur when turning off an inductive load. For rapid
current decay (fast turn-off speeds), the use of Zener diodes will
raise the flyback voltage and improve performance. However,
the peak voltage must not exceed the specified minimum
sustaining voltage (VSUPPLY + VZ + VF < VO(SUS)).
Over-current conditions
In the event of a shorted load, or stalled motor, the load
current will attempt to increase. As described above, the drive
current to the affected output stage is linearly reduced, causing
the output to go linear (limiting the load current to about 500
mA). As the junction temperature of the output stage increases,
the thermal-shutdown circuit will shut off the affected output.
If the fault condition is corrected, the output driver will return
to its normal saturated condition.
NORMAL LAMP IN-RUSH CURRENT
TIME
THERMAL GRADIENT SENSING
CURRENT LIMIT
Dwg. WP-008
NOT TO SCALE
ITRIP
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com