Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2557KB Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A2557KB
Description  PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A2557KB Datasheet(HTML) 3 Page - Allegro MicroSystems

  A2557KB Datasheet HTML 1Page - Allegro MicroSystems A2557KB Datasheet HTML 2Page - Allegro MicroSystems A2557KB Datasheet HTML 3Page - Allegro MicroSystems A2557KB Datasheet HTML 4Page - Allegro MicroSystems A2557KB Datasheet HTML 5Page - Allegro MicroSystems A2557KB Datasheet HTML 6Page - Allegro MicroSystems A2557KB Datasheet HTML 7Page - Allegro MicroSystems A2557KB Datasheet HTML 8Page - Allegro MicroSystems A2557KB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2557
PROTECTED QUAD DRIVER
WITH FAULT DETECTION
& SLEEP MODE
www.allegromicro.com
3
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Leakage Current*
ICEX
VO = 60 V, VI = 0.8 V, VOE = 2.0 V
—
30
100
µA
VO = 60 V, VI = 2.0 V, VOE = 0.8 V
—
<1.0
100
µA
Output Sustaining Voltage
VO(SUS)
IO = 100 mA, VI = VOE = 0.8 V, VCC = Open
40
—
—
V
Output Saturation Voltage
VO(SAT)
IO = 100 mA—
65
200
mV
IO = 300 mA—
180
300
mV
Over-Current Limit
IOM
5 ms PulseTest, VO = 5.0 V
—
500
—
mA
Input Voltage
VIH
INn or ENABLE
2.0
—
—
V
VIL
INn or ENABLE
—
—
0.8
V
Input Current
IIH
INn or ENABLE, VIH = 2.0 V
—
—
10
µA
IIL
INn or ENABLE, VIL = 0.8 V
—
—
-10
µA
Fault Output Leakage Current
IFLT
VFLT = 60 V
—
4.0
15
µA
VFLT = 5 V
—
<1.0
2.0
µA
Fault Output Current
IFLT
VFLT = 5 V, Driver Output Open,
VI = 0.8 V, VOE = 2.0 V
40
60
80
µA
Fault Output Saturation Voltage
VFLT(SAT)
IFLT = 30
µA—
0.1
0.4
V
Clamp Diode Forward Voltage
VF
IF = 500 mA—
1.2
1.7
V
IF = 750 mA—
1.5
2.1
V
Clamp Diode Leakage Current
IR
VR = 60 V
—
—
50
µA
Turn-On Delay
tPHL
IO = 300 mA, 50% VI to 50% VO
—
0.6
10
µs
From Sleep, IO = 300 mA, 50% VI to 50% VO
—
3.0
—
µs
IO = 300 mA, 50% VOE to 50% VO
—
1.3
10
µs
Turn-Off Delay
tPLH
IO = 300 mA, 50% VI to 50% VO
—
2.0
10
µs
IO = 300 mA, 50% VOE to 50% VO
—
1.4
10
µs
Total Supply Current
ICC
All Outputs Off
—
0.075
0.1
mA
Any One Output On
—
12
20
mA
Two Outputs On
—
18
30
mA
Three Outputs On
—
24
40
mA
All Outputs On
—
30
50
mA
Thermal Limit
TJ
—
165
—
°C
ELECTRICAL CHARACTERISTICS over operating temperature range, VCC = 4.75 V to 5.25 V
Typical Data is at TA = +25°C and VCC = 5 V and is for design information only.
Negative current is defined as coming out of (sourcing) the specified terminal.
As used here, -100 is defined as greater than +10 (absolute magnitude convention) and the minimum is implicitly zero.
* Measurement includes output fault-sensing pull-down current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com