Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7978 Datasheet(PDF) 73 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 73 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 69Page - Analog Devices ADE7978 Datasheet HTML 70Page - Analog Devices ADE7978 Datasheet HTML 71Page - Analog Devices ADE7978 Datasheet HTML 72Page - Analog Devices ADE7978 Datasheet HTML 73Page - Analog Devices ADE7978 Datasheet HTML 74Page - Analog Devices ADE7978 Datasheet HTML 75Page - Analog Devices ADE7978 Datasheet HTML 76Page - Analog Devices ADE7978 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 73 of 120
NO LOAD CONDITION
The no load condition is defined in metering equipment
standards as a condition where voltage is applied to the meter
but no current flows in the current circuit. To eliminate any
creep effects in the meter, the ADE7978 contains three separate
no load detection circuits: one related to the total active and
reactive powers, one related to the fundamental active and
reactive powers, and one related to the apparent power.
NO LOAD DETECTION BASED ON TOTAL ACTIVE
AND REACTIVE POWERS
The no load condition based on the total active and reactive
powers is triggered when no LSBs are accumulated in the total
active and reactive energy registers on one phase (xWATTHR and
xVARHR, x = A, B, or C) for the time specified in the APNOLOAD
and VARNOLOAD registers. In the no load condition, the total
active and reactive energies of the phase are not accumulated,
and no CFx pulses are generated based on these energies.
The equations used to compute the values of the 16-bit unsigned
registers APNOLOAD and VARNOLOAD are as follows:
PMAX
WTHR
Y
APNOLOAD
17
16
2
1
2
×
×
=
(51)
PMAX
VARTHR
Y
VARNOLOAD
17
16
2
1
2
×
×
=
where:
Y is the required no load current threshold computed relative
to full scale. For example, if the no load threshold current is set
10,000 times lower than the full-scale value, Y = 10,000.
WTHR and VARTHR are the values stored in the WTHR and
VARTHR registers. These values are used as the thresholds in
the first stage energy accumulators for active and reactive energy,
respectively (see the Active Energy Calculation and Reactive
Energy Calculation sections).
PMAX = 26,991,271, the instantaneous active power computed
when the ADC inputs are at full scale.
The VARNOLOAD register (Address 0xE909) usually contains
the same value as the APNOLOAD register (Address 0xE908).
When both the APNOLOAD and VARNOLOAD registers are set
to 0x0, the no load detection circuit is disabled. If the APNOLOAD
or VARNOLOAD threshold is set to 0 and the other threshold is
set to a non-zero value, the no load circuit is disabled, and the
total active and reactive powers are accumulated without any
restriction.
Bit 0 (NLOAD) in the STATUS1 register (Address 0xE503) is
set when a no load condition based on the total active or reactive
power is detected on one of the three phases. Bits[2:0]
(NLPHASE[2:0]) in the PHNOLOAD register (Address 0xE608)
indicate the state of all phases relative to a no load condition and
are set simultaneously with the NLOAD bit in the STATUS1
register.
NLPHASE[0] indicates the state of Phase A, NLPHASE[1]
indicates the state of Phase B, and NLPHASE[2] indicates the
state of Phase C. When the NLPHASE[x] bit is cleared to 0,
Phase x is not in a no load condition. When the bit is set to 1,
Phase x is in a no load condition.
An interrupt attached to Bit 0 (NLOAD) in the STATUS1
register can be enabled by setting Bit 0 in the MASK1 register
(Address 0xE50B). When enabled, the IRQ1 pin goes low and the
status bit is set to 1 when any of the three phases enters or exits the
no load condition. To identify the phase that triggered the inter-
rupt, read the PHNOLOAD register immediately after reading
the STATUS1 register. The status bit is cleared and the IRQ1 pin
is returned high by writing a 1 to Bit 0 in the STATUS1 register.
NO LOAD DETECTION BASED ON FUNDAMENTAL
ACTIVE AND REACTIVE POWERS
The no load condition based on the fundamental active and
reactive powers is triggered when no LSBs are accumulated in
the fundamental active and reactive energy registers on one phase
(xFWATTHR and xFVARHR, x = A, B, or C) for the time specified
in the 16-bit unsigned APNOLOAD and VARNOLOAD registers.
In the no load condition, the fundamental active and reactive
energies of the phase are not accumulated, and no CFx pulses
are generated based on these energies.
APNOLOAD and VARNOLOAD are the same no load
thresholds set for the total active and reactive energies. When
both the APNOLOAD and VARNOLOAD registers are set to
0x0, the no load detection circuit is disabled. If the APNOLOAD
or VARNOLOAD threshold is set to 0 and the other threshold
is set to a non-zero value, the no load circuit is disabled, and the
fundamental active and reactive powers are accumulated without
any restriction.
Bit 1 (FNLOAD) in the STATUS1 register is set when a no load
condition based on the fundamental active or reactive power is
detected on one of the three phases. Bits[5:3] (FNLPHASE[2:0])
in the PHNOLOAD register indicate the state of all phases
relative to a no load condition and are set simultaneously with
the FNLOAD bit in the STATUS1 register.
FNLPHASE[0] indicates the state of Phase A, FNLPHASE[1]
indicates the state of Phase B, and FNLPHASE[2] indicates the
state of Phase C. When the FNLPHASE[x] bit is cleared to 0,
Phase x is not in a no load condition. When the bit is set to 1,
Phase x is in a no load condition.
An interrupt attached to Bit 1 (FNLOAD) in the STATUS1
register can be enabled by setting Bit 1 in the MASK1 register.
When enabled, the IRQ1 pin goes low and the status bit is set to 1
when any of the three phases enters or exits the no load condi-
tion. To identify the phase that triggered the interrupt, read the
PHNOLOAD register immediately after reading the STATUS1
register. The status bit is cleared and the IRQ1 pin is returned
high by writing a 1 to Bit 1 in the STATUS1 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com