Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7978 Datasheet(PDF) 74 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 70Page - Analog Devices ADE7978 Datasheet HTML 71Page - Analog Devices ADE7978 Datasheet HTML 72Page - Analog Devices ADE7978 Datasheet HTML 73Page - Analog Devices ADE7978 Datasheet HTML 74Page - Analog Devices ADE7978 Datasheet HTML 75Page - Analog Devices ADE7978 Datasheet HTML 76Page - Analog Devices ADE7978 Datasheet HTML 77Page - Analog Devices ADE7978 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 74 of 120
NO LOAD DETECTION BASED ON APPARENT
POWER
The no load condition based on the apparent power is triggered
when no LSBs are accumulated in the apparent energy register
on one phase (xVAHR, x = A, B, or C) for the time specified in
the VANOLOAD register. In the no load condition, the apparent
energy of the phase is not accumulated, and no CFx pulses are
generated based on this energy.
The equation used to compute the value of the 16-bit unsigned
VANOLOAD register is as follows:
PMAX
VATHR
Y
VANOLOAD
17
16
2
1
2
×
×
=
(52)
where:
Y is the required no load current threshold computed relative
to full scale. For example, if the no load threshold current is set
10,000 times lower than the full-scale value, Y = 10,000.
VATHR is the value stored in the VATHR register. This value is
used as the threshold in the first stage energy accumulator for
apparent energy (see the Apparent Energy Calculation section).
PMAX = 26,991,271, the instantaneous active power computed
when the ADC inputs are at full scale.
When the VANOLOAD register (Address 0xE90A) is set to 0x0,
the no load detection circuit is disabled.
Bit 2 (VANLOAD) in the STATUS1 register is set when a no load
condition based on apparent power is detected on one of the
three phases. Bits[8:6] (VANLPHASE[2:0]) in the PHNOLOAD
register indicate the state of all phases relative to a no load con-
dition and are set simultaneously with the VANLOAD bit in the
STATUS1 register.
VANLPHASE[0] indicates the state of Phase A, VANLPHASE[1]
indicates the state of Phase B, and VANLPHASE[2] indicates the
state of Phase C. When the VANLPHASE[x] bit is cleared to 0,
Phase x is not in a no load condition. When the bit is set to 1,
Phase x is in a no load condition.
An interrupt attached to Bit 2 (VANLOAD) in the STATUS1
register can be enabled by setting Bit 2 in the MASK1 register.
When enabled, the IRQ1 pin goes low and the status bit is set to
1 when any of the three phases enters or exits the no load condi-
tion. To identify the phase that triggered the interrupt, read the
PHNOLOAD register immediately after reading the STATUS1
register. The status bit is cleared and the IRQ1 pin is returned
high by writing a 1 to Bit 2 in the STATUS1 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com