Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7978 Datasheet(PDF) 30 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 26Page - Analog Devices ADE7978 Datasheet HTML 27Page - Analog Devices ADE7978 Datasheet HTML 28Page - Analog Devices ADE7978 Datasheet HTML 29Page - Analog Devices ADE7978 Datasheet HTML 30Page - Analog Devices ADE7978 Datasheet HTML 31Page - Analog Devices ADE7978 Datasheet HTML 32Page - Analog Devices ADE7978 Datasheet HTML 33Page - Analog Devices ADE7978 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 30 of 120
THEORY OF OPERATION
ADE7933/ADE7932 ANALOG INPUTS
The ADE7933 has three analog input channels: one current
channel and two voltage channels. The ADE7932 does not
include the second voltage channel. The current channel has
two fully differential voltage input pins, IP and IM, that accept
a maximum differential signal of ±31.25 mV.
The maximum differential signal level on the IP and IM pins
with respect to GNDISO is also ±31.25 mV. However, the maxi-
mum signal allowed at the IM input is ±25 mV. Figure 37 shows
a schematic of the current channel input and its relation to the
maximum IM pin voltage.
IP
IM
VIM
VIP
+31.25mV
0V
VIP
VIP = ±31.25mV MAX PEAK
VIM = ±25mV MAX
–31.25mV
Figure 37. Maximum Input Level, Current Channel
The current channel is used to sense the voltage across a shunt.
In this case, one pole of the shunt becomes the ground of the
meter (see Figure 101) and, therefore, the current channel is
used in a pseudo differential configuration, similar to the
voltage channel configuration (see Figure 38).
The voltage channels have two pseudo differential, single-ended
voltage input pins: V1P and V2P. These single-ended voltage
inputs have a maximum input voltage of ±500 mV with respect
to VM. The maximum signal allowed at the VM input is ±25 mV.
Figure 38 shows a schematic of the voltage channel inputs and
their relation to the maximum VM pin voltage.
V1P OR
V2P
VM
VM
V1
+500mV
0V
V1
V1 = ±500mV MAX PEAK
VM = ±25mV MAX
–500mV
Figure 38. Maximum Input Level, Voltage Channels
ANALOG-TO-DIGITAL CONVERSION
The ADE7933/ADE7932 have three second-order Σ-Δ ADCs.
For simplicity, the block diagram in Figure 39 shows a first-order
Σ-Δ ADC. The converter is composed of the Σ-Δ modulator and
the digital low-pass filter, separated by the digital isolation block.
A Σ-Δ modulator converts the input signal into a continuous
serial stream of 1s and 0s at a rate determined by the sampling
clock. In the ADE7933/ADE7932, the sampling clock is equal to
1.024 MHz (CLKIN/16). The 1-bit DAC in the feedback loop is
driven by the serial data stream. The DAC output is subtracted
from the input signal. If the loop gain is high enough, the average
value of the DAC output (and, therefore, the bit stream) can
approach that of the input signal level.
For any given input value in a single sampling interval, the data
from the 1-bit ADC is virtually meaningless. A meaningful result
is obtained only when a large number of samples is averaged. This
averaging is carried out in the second part of the ADC, the digital
low-pass filter, after the data is passed through the digital isolators.
By averaging a large number of bits from the modulator, the low-
pass filter can produce 24-bit data-words that are proportional
to the input signal level.
24
DIGITAL
LOW-PASS
FILTER
ADE7978
R
C
+
CLKIN/16
INTEGRATOR
VREF
1-BIT DAC
LATCHED
COMPARATOR
ANALOG
LOW-PASS
FILTER
.....10100101.....
+
DIGITAL
ISOLATION
ISOLATION
BARRIER
ADE7932/ADE7933
Figure 39. First-Order Σ-∆ ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com