Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8902A Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # 8902A
Description  3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8902A Datasheet(HTML) 5 Page - Allegro MicroSystems

  8902A Datasheet HTML 1Page - Allegro MicroSystems 8902A Datasheet HTML 2Page - Allegro MicroSystems 8902A Datasheet HTML 3Page - Allegro MicroSystems 8902A Datasheet HTML 4Page - Allegro MicroSystems 8902A Datasheet HTML 5Page - Allegro MicroSystems 8902A Datasheet HTML 6Page - Allegro MicroSystems 8902A Datasheet HTML 7Page - Allegro MicroSystems 8902A Datasheet HTML 8Page - Allegro MicroSystems 8902A Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
8902–A
3-PHASE BRUSHLESS DC
MOTOR CONTROLLER/DRIVER
TERMINAL FUNCTIONS
Term.
Terminal Name
Function
1
LOAD SUPPLY
VBB; the 5 V or 12 V motor supply.
2CD2
One of two capacitors used to generate the ideal commutation points from the
back-EMF zero crossing points.
3CWD
Timing capacitor used by the watchdog circuit to disable the back-EMF compara-
tors during commutation transients, and to detect incorrect motor position.
4CST
Startup oscillator timing capacitor.
5
OUTA
Power amplifier A output to motor.
6-7
GROUND
Power and logic ground and thermal heat sink.
8
OUTB
Power amplifier B output to motor.
9
OUTC
Power amplifier C output to motor.
10
CENTERTAP
Motor centertap connection for back-EMF detection circuitry.
11
BRAKE
Active low turns ON all three sink drivers shorting the motor windings to ground.
External capacitor and resistor at BRAKE provide brake delay. The brake function
can also be controlled via the serial port.
12
CRES
External reservoir capacitor used to hold charge to drive the source drivers’
gates. Also provides power for brake circuit.
13
FILTER
Analog voltage input to control motor current. Also, compensation node for
internal speed control loop.
14
SECTOR DATA
External tachometer input. Can use sector or index pulses from disk to provide
precise motor speed feedback to internal frequency-locked loop.
15
LOGIC SUPPLY
VDD; the 5 V logic supply.
16
OSCILLATOR
Clock input for the speed reference counter. Typical max. frequency is 10 MHz.
17
DATA OUT
Thermal shutdown indicator, FCOM, TACH, or SYNC signals available in real
time, controlled by 2-bit multiplexer in serial port.
18-19
GROUND
Power and logic ground and thermal heat sink.
20
RESET
When pulled low forces the chip into sleep mode; clears all serial port bits.
21
CHIP SELECT
Strobe input (active low) for data word.
22
CLOCK
Clock input for serial port.
23
DATA IN
Sequential data input for the serial port.
24
CD1
One of two capacitors used to generate the ideal commutation points from the
back-EMF zero crossing points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com