Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU8N80K5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STU8N80K5
Description  N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220 and IPAK packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU8N80K5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STU8N80K5 Datasheet HTML 2Page - STMicroelectronics STU8N80K5 Datasheet HTML 3Page - STMicroelectronics STU8N80K5 Datasheet HTML 4Page - STMicroelectronics STU8N80K5 Datasheet HTML 5Page - STMicroelectronics STU8N80K5 Datasheet HTML 6Page - STMicroelectronics STU8N80K5 Datasheet HTML 7Page - STMicroelectronics STU8N80K5 Datasheet HTML 8Page - STMicroelectronics STU8N80K5 Datasheet HTML 9Page - STMicroelectronics STU8N80K5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STP8N80K5, STU8N80K5
6/16
DocID023544 Rev 4
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area for TO-220
Figure 3. Thermal impedance for TO-220
ID
10
1
0.1
0.01
0.1
1
100
VDS(V)
10
(A)
Oper
ation
in
this
area
is
Limited
b
y max
R
DS(on)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM15632v1
Figure 4. Safe operating area for IPAK
Figure 5. Thermal impedance for IPAK
Ronlimit
ID
10
1
0.1
0.01
0.1
1
100
VDS(V)
10
(A)
Oper
ation
in
this
area
is
Limited
b
y max
R
DS(on)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM15630v1
Figure 6. Output characteristics
Figure 7. Transfer characteristics
ID
12
8
4
0
0
8
VDS(V)
16
(A)
4
12
6V
VGS=10, 11V
2
6
10
7V
8V
9V
AM15633v1
ID
12
8
4
0
5
7
VGS(V)
9
(A)
6
8
10
2
6
10
VDS=20V
AM15634v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com