Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU8N80K5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STU8N80K5
Description  N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220 and IPAK packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU8N80K5 Datasheet(HTML) 3 Page - STMicroelectronics

  STU8N80K5 Datasheet HTML 1Page - STMicroelectronics STU8N80K5 Datasheet HTML 2Page - STMicroelectronics STU8N80K5 Datasheet HTML 3Page - STMicroelectronics STU8N80K5 Datasheet HTML 4Page - STMicroelectronics STU8N80K5 Datasheet HTML 5Page - STMicroelectronics STU8N80K5 Datasheet HTML 6Page - STMicroelectronics STU8N80K5 Datasheet HTML 7Page - STMicroelectronics STU8N80K5 Datasheet HTML 8Page - STMicroelectronics STU8N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DocID023544 Rev 4
3/16
STP8N80K5, STU8N80K5
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
GS
Gate-source voltage
± 30
V
I
D
Drain current T
C
= 25 °C
6
A
I
D
Drain current T
C
= 100 °C
4
A
I
DM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
24
A
P
TOT
Total dissipation at T
C
= 25 °C
110
W
I
AR
(2)
2.
Pulse width limited by T
Jmax.
Max current during repetitive or single
pulse avalanche
2A
E
AS
(3)
3.
Starting T
J
= 25 °C, I
D
=I
AS
, V
DD
= 50 V
Single pulse avalanche energy
(starting T
J
= 25 °C, I
D
=I
AS
, V
DD
= 50 V)
114
mJ
dv/dt
(4)
4.
I
SD
≤ 6 A, di/dt ≤ 100 A/μs, V
DS(peak)
≤ V
(BR)DSS
Peak diode recovery voltage slope
4.5
V/ns
dv/dt
(5)
5.
V
DS
≤ 640 V
MOSFET dv/dt ruggedness
50
V/ns
T
j
T
stg
Operating junction temperature
Storage temperature
- 55 to 150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
TO-220
IPAK
R
thj-case
Thermal resistance junction-case max.
1.14
°C/W
R
thj-amb
Thermal resistance junction-amb max.
62.5
100
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com