Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU8N80K5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STU8N80K5
Description  N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220 and IPAK packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU8N80K5 Datasheet(HTML) 5 Page - STMicroelectronics

  STU8N80K5 Datasheet HTML 1Page - STMicroelectronics STU8N80K5 Datasheet HTML 2Page - STMicroelectronics STU8N80K5 Datasheet HTML 3Page - STMicroelectronics STU8N80K5 Datasheet HTML 4Page - STMicroelectronics STU8N80K5 Datasheet HTML 5Page - STMicroelectronics STU8N80K5 Datasheet HTML 6Page - STMicroelectronics STU8N80K5 Datasheet HTML 7Page - STMicroelectronics STU8N80K5 Datasheet HTML 8Page - STMicroelectronics STU8N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DocID023544 Rev 4
5/16
STP8N80K5, STU8N80K5
Electrical characteristics
The built-in back-to-back Zener diodes have been specifically designed to enhance not only
the device’s ESD capability, but also to make them capable of safely absorbing any voltage
transients that may occasionally be applied from gate to source. In this respect, the Zener
voltage is appropriate to achieve efficient and cost-effective protection of device integrity.
The integrated Zener diodes thus eliminate the need for external components.
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
d(on)
Turn-on delay time
V
DD
= 400 V, I
D
= 3 A,
R
G
=4.7
Ω, V
GS
=10 V
(see Figure 20)
-12-
ns
t
r
Rise time
-
14
-
ns
t
d(off)
Turn-off delay time
-
32
-
ns
t
f
Fall time
-
20
-
ns
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
SD
Source-drain current
-
6
A
I
SDM
Source-drain current (pulsed)
24
A
V
SD
(1)
1.
Pulsed: pulse duration = 300μs, duty cycle 1.5%
Forward on voltage
I
SD
= 6 A, V
GS
=0
-
1.5
V
t
rr
Reverse recovery time
I
SD
= 6 A, V
DD
= 60 V
di/dt = 100 A/μs,
(see Figure 19)
-
300
ns
Q
rr
Reverse recovery charge
-
3
μC
I
RRM
Reverse recovery current
-
20
A
t
rr
Reverse recovery time
I
SD
= 6 A,V
DD
= 60 V
di/dt=100 A/μs,
T
j
=150 °C
(see Figure 19)
-
415
ns
Q
rr
Reverse recovery charge
-
3.8
μC
I
RRM
Reverse recovery current
-
18
A
Table 8. Gate-source Zener diode
Symbol
Parameter
Test conditions
Min
Typ.
Max.
Unit
V
(BR)GSO
Gate-source breakdown voltage
I
GS
= ± 1mA, I
D
=0
30
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com